Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3410 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3410
Description  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3410 Datasheet(HTML) 3 Page - Texas Instruments

  LM3410_14 Datasheet HTML 1Page - Texas Instruments LM3410_14 Datasheet HTML 2Page - Texas Instruments LM3410_14 Datasheet HTML 3Page - Texas Instruments LM3410_14 Datasheet HTML 4Page - Texas Instruments LM3410_14 Datasheet HTML 5Page - Texas Instruments LM3410_14 Datasheet HTML 6Page - Texas Instruments LM3410_14 Datasheet HTML 7Page - Texas Instruments LM3410_14 Datasheet HTML 8Page - Texas Instruments LM3410_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LM3410
www.ti.com
SNVS541F – OCTOBER 2007 – REVISED AUGUST 2010
Table 1. Pin Descriptions - 5-Pin SOT23
Pin
Name
Function
1
SW
Output switch. Connect to the inductor, output diode.
2
GND
Signal and power ground pin. Place the bottom resistor of the feedback network as close as possible to this pin.
3
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
Dimming & shutdown control input. Logic high enables operation. Duty Cycle from 0 to 100%. Do not allow this pin to
4
DIM
float or be greater than VIN + 0.3V.
5
VIN
Supply voltage pin for power stage, and input supply voltage.
Table 2. Pin Descriptions - 6-Pin LLP
Pin
Name
Function
1
PGND
Power ground pin. Place PGND and output capacitor GND close together.
2
VIN
Supply voltage for power stage, and input supply voltage.
Dimming & shutdown control input. Logic high enables operation. Duty Cycle from 0 to 100%. Do not allow this pin to
3
DIM
float or be greater than VIN + 0.3V.
4
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
5
AGND
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to this pin & pin 4.
6
SW
Output switch. Connect to the inductor, output diode.
DAP
GND
Signal & Power ground. Connect to pin 1 & pin 5 on top layer. Place 4-6 vias from DAP to bottom layer GND plane.
Table 3. Pin Descriptions - 8-Pin eMSOP
Pin
Name
Function
1
-
No Connect
2
PGND
Power ground pin. Place PGND and output capacitor GND close together.
3
VIN
Supply voltage for power stage, and input supply voltage.
Dimming & shutdown control input. Logic high enables operation. Duty Cycle from 0 to 100%. Do not allow this pin to
4
DIM
float or be greater than VIN + 0.3V.
5
FB
Feedback pin. Connect FB to external resistor divider to set output voltage.
6
AGND
Signal ground pin. Place the bottom resistor of the feedback network as close as possible to this pin & pin 5
7
SW
Output switch. Connect to the inductor, output diode.
8
-
No Connect
DAP
GND
Signal & Power ground. Connect to pin 2 & pin 6 on top layer. Place 4-6 vias from DAP to bottom layer GND plane.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
VIN
-0.5V to 7V
SW Voltage
-0.5V to 26.5V
FB Voltage
-0.5V to 3.0V
DIM Voltage
-0.5V to 7.0V
ESD Susceptibility (2)
Human Body Model
2kV
Junction Temperature (3)
150°C
Storage Temp. Range
-65°C to 150°C
Soldering Information
Infrared/Convection Reflow (15sec)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but does not guarantee specific performance limits. For guaranteed specifications and
conditions, see the Electrical Characteristics.
(2)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. Test method is per JESD22-A114.
(3)
Thermal shutdown will occur if the junction temperature exceeds the maximum junction temperature of the device.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3410


Similar Part No. - LM3410_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3410-Q1 TI1-LM3410-Q1 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410Q TI-LM3410Q Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410Q TI1-LM3410Q Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410XMF NSC-LM3410XMF Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XMF NSC-LM3410XMF Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

Similar Description - LM3410_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3410XMF TI-LM3410XMF Datasheet
1Mb / 49P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com