Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3424 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM3424
Description  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3424_14 Datasheet HTML 11Page - Texas Instruments LM3424_14 Datasheet HTML 12Page - Texas Instruments LM3424_14 Datasheet HTML 13Page - Texas Instruments LM3424_14 Datasheet HTML 14Page - Texas Instruments LM3424_14 Datasheet HTML 15Page - Texas Instruments LM3424_14 Datasheet HTML 16Page - Texas Instruments LM3424_14 Datasheet HTML 17Page - Texas Instruments LM3424_14 Datasheet HTML 18Page - Texas Instruments LM3424_14 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 62 page
background image
T
ILED
0
TBK
TEND
v
1
RGAIN
RSNS
ILED
RHSP
RHSN
HSN
HSP
High-Side
Sense Amplifier
CSH
1.24V
CCMP
RCSH
COMP
Error Amplifier
VSNS
To PWM
Comparator
LM3424
ICSH
ITF
100k
100k
100k
100k
TREF
TSENSE
TGAIN
2.45V
VS
RREF2
RREF1
RBIAS
RNTC
RGAIN
VDIF
LM94022
Precision Temp Sensor
NTC
RSNS
ILED
RHSP
RHSN
HSN
HSP
High-Side
Sense Amplifier
CSH
1.24V
CCMP
RCSH
COMP
Error Amplifier
VSNS
To PWM
Comparator
LM3424
ITF
Thermal Foldback Current
ICSH
LM3424
www.ti.com
SNVS603B – AUGUST 2009 – REVISED OCTOBER 2009
Figure 5. LED Current Sense Circuitry
Figure 6. Thermal Foldback Circuitry
THERMAL FOLDBACK / ANALOG DIMMING
Thermal foldback is necessary in many applications due to the extreme temperatures created in LED
environments. In general, two functions are necessary: a temperature breakpoint (TBK) after which the nominal
operating current needs to be reduced, and a slope corresponding to the amount of LED current decrease per
temperature increase as shown in Figure 7. The LM3424 allows the user to program both the breakpoint and
slope of the thermal foldback profile.
Figure 7. Ideal Thermal Foldback Profile
Foldback is accomplished by adding current (ITF) to the CSH summing node. As more current is added, less
current is needed from the high side amplifier and correspondingly, the LED current is regulated to a lower value.
The final temperature (TEND) is reached when ITF = ICSH causing no current to be needed from the high-side
amplifier, yielding ILED = 0A.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3424


Similar Part No. - LM3424_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3424-Q1 TI1-LM3424-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424MH/NOPB TI1-LM3424MH/NOPB Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MHX NSC-LM3424MHX Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
More results

Similar Description - LM3424_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com