Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3424 Datasheet(PDF) 38 Page - Texas Instruments

Part # LM3424
Description  Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3424 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM3424_14 Datasheet HTML 34Page - Texas Instruments LM3424_14 Datasheet HTML 35Page - Texas Instruments LM3424_14 Datasheet HTML 36Page - Texas Instruments LM3424_14 Datasheet HTML 37Page - Texas Instruments LM3424_14 Datasheet HTML 38Page - Texas Instruments LM3424_14 Datasheet HTML 39Page - Texas Instruments LM3424_14 Datasheet HTML 40Page - Texas Instruments LM3424_14 Datasheet HTML 41Page - Texas Instruments LM3424_14 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 62 page
background image
I
LED =
=
k
0
.
1
1.24V
:
x
A
0
.
1
=
k
4
.
12
1
.
0
:
x
:
R
R
CSH
SNS x
R
1.24V
HSP
x
300857c9
=
1.24V
1.24V
=
R
HSP
:
=
k
0
.
1
:
x
:
x
0.1
k
12.4
A
1
x
x
R
R
I
SNS
CSH
LED
:
=
=
=
1
.
0
1A
R
SNS
I
LED
mV
100
V
SNS
RT = 14.3 k:
kHz
504
1
1
f
SW
=
=
=
e
95
.
1
k
3
.
14
e
40
.
1
8
10
-
:
x
-
-
e
95
.
1
R
e
40
.
1
8
T
10
-
x
-
-
f
SW
:
=
=
k
4
.
14
=
R
T
x
+
-
f
e
95
.
1
1
SW
8
x
+
-
kHz
500
e
95
.
1
1
8
x
-
f
e
40
.
1
SW
10
x
-
kHz
500
e
40
.
1
10
DMAX
=
=
677
.
0
=
V
21
V
10
V
21 +
V
O
V
V
IN-MIN
O +
21V
=
21V + 70V
= 0.231
DMIN =
VO + VIN-MAX
VO
533
.
0
467
.
0
1
D
1
'
D
=
-
=
-
=
D
=
=
467
.
0
=
V
21
V
24
V
21 +
V
O
V
V
IN
O +
:
=
:
x
=
x
=
95
.
1
m
325
6
r
N
r
LED
D
V
21
V
5
.
3
6
V
N
V
LED
O
=
x
=
x
=
LM3424
SNVS603B – AUGUST 2009 – REVISED OCTOBER 2009
www.ti.com
VTURN-ON = 10V
VHYS = 3V
VTURN-OFF = 40V
VHYSO = 10V
TBK = 70°C
TEND= 120°C
tTSU = 30 ms
1. OPERATING POINT
Solve for VO and rD:
(101)
(102)
Solve for D, D', DMAX, and DMIN:
(103)
(104)
(105)
(106)
2. SWITCHING FREQUENCY
Solve for RT:
(107)
The closest standard resistor is 14.3 k
Ω therefore fSW is:
(108)
The chosen component from step 2 is:
(109)
3. AVERAGE LED CURRENT
Solve for RSNS:
(110)
Assume RCSH = 12.4 kΩ and solve for RHSP:
(111)
The closest standard resistor for RSNS is actually 0.1Ω and for RHSP is actually 1 kΩ therefore ILED is:
(112)
The chosen components from step 3 are:
38
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Links: LM3424


Similar Part No. - LM3424_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3424-Q1 TI1-LM3424-Q1 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424MH NSC-LM3424MH Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424MH/NOPB TI1-LM3424MH/NOPB Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
National Semiconductor ...
LM3424MHX NSC-LM3424MHX Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
More results

Similar Description - LM3424_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3424_0910 NSC-LM3424_0910 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
LM3424 NSC-LM3424 Datasheet
1Mb / 50P
   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Texas Instruments
LM3424 TI1-LM3424 Datasheet
2Mb / 69P
[Old version datasheet]   Constant Current N-Channel Controller with Thermal Foldback for Driving LEDs
logo
Micrel Semiconductor
MIC3230 MICREL-MIC3230 Datasheet
597Kb / 20P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_1 Datasheet
667Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
MIC3230 MICREL-MIC3230_11 Datasheet
723Kb / 19P
   Constant Current Boost Controller for Driving High Power LEDs
logo
Texas Instruments
TPS92510 TI1-TPS92510 Datasheet
1Mb / 25P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510 TI1-TPS92510_12 Datasheet
1Mb / 28P
[Old version datasheet]   1.5-A Constant-Current Buck Converter for High-Brightness LEDs with Integrated LED Thermal Foldback
TPS92510EVM-011 TI1-TPS92510EVM-011 Datasheet
1Mb / 22P
[Old version datasheet]   1.5-A, Constant-Current, Non-Synchronous Buck Converter for High-Brightness LEDs with Integrated Thermal Foldback
logo
Unisonic Technologies
L5107 UTC-L5107 Datasheet
229Kb / 9P
   CONSTANT CUTTENT BOOST CONTROLLER FOR DRIVING HIGH POWER LEDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com