Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3431 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3431
Description  3-Channel Constant Current LED Driver with Integrated Boost Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3431 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3431_14 Datasheet HTML 6Page - Texas Instruments LM3431_14 Datasheet HTML 7Page - Texas Instruments LM3431_14 Datasheet HTML 8Page - Texas Instruments LM3431_14 Datasheet HTML 9Page - Texas Instruments LM3431_14 Datasheet HTML 10Page - Texas Instruments LM3431_14 Datasheet HTML 11Page - Texas Instruments LM3431_14 Datasheet HTML 12Page - Texas Instruments LM3431_14 Datasheet HTML 13Page - Texas Instruments LM3431_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
D = 1 -
VIN
VOUT
'¶ = 1-D =
VIN
VOUT
LM3431
VIN
EN
FF
SGND
AFB
VCC
REF
REFIN
SNS1
NDRV3
SNS3
NDRV1
NDRV2
SNS2
LG
CS
PGND
COMP
MODE/F
RT
CFB
THM
SC
SS/SH
DLY
DIM
ILIM
Vin
LEDOFF
REFIN
LEDOFF
VCC
D2-5
D6-9
D1
L1
Q1
C9
R19
R18
R3
R4
C1
C2
R2
R1
R7
R8
R9
C4
Rff
C3
R6
C6
C7
VCC
R10
Q2
Q6
External LED Array
R15
VA
VC1
VC2
VC3
VC4
RMODE
C5
THM
R17
VCC
Op1
THM
External
Thermistor
EP
C8
Q3
Q4
+
R11
R12
R14
R16
Rrestart
C13
+
C15
R13
GND
DIM
EN
Rhys
Rth
-
LM3431
SNVS547F – NOVEMBER 2007 – REVISED MARCH 2009
www.ti.com
Figure 14. Typical Application Schematic
OPERATION DESCRIPTION
The LM3431 combines a boost controller and 3 constant current regulator controllers in one device. To simplify
the description, these two blocks will be described separately as Boost Controller and LED Current Regulator. All
descriptions and component numbers refer to the Figure 14 schematic. The LED bottom cathode nodes (VC1 –
VC4) are referred to simply as the cathode.
BOOST CONTROLLER
The LM3431 is a current-mode, PWM boost controller. Although the LM3431 may be operated in either
continuous or discontinuous conduction mode, the following guidelines are designed for continuous conduction
operation. This mode of operation gives lower output ripple and better LED current regulation.
In continuous conduction mode (when the inductor current never reaches zero), the boost regulator operates in
two cycles. In the first cycle of operation, the NFET is turned on and current ramps up and is storing energy in
the inductor. During this cycle, diode D1 is reverse biased and load current is supplied by the output capacitors -
C8 and C9 in Figure 14.
In the second cycle, the NFET is off and the diode is forward biased. Inductor current is transferred to the load
and output capacitor. The ratio of these two cycles determines the output voltage and is expressed as D or D’:
(1)
where D is the duty cycle of the switch.
(2)
Maximum duty cycle is limited to 85% typically.
10
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Links: LM3431


Similar Part No. - LM3431_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3431A NSC-LM3431A Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431A NSC-LM3431A Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431AMH NSC-LM3431AMH Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
More results

Similar Description - LM3431_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
   3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
GS8206 ETC-GS8206 Datasheet
550Kb / 11P
   3 channel constant current LED driver
June 12,2016 version0.2
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
UCS1903 ETC2-UCS1903 Datasheet
1Mb / 10P
   3-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4103V-GT2 ONSEMI-CAT4103V-GT2 Datasheet
243Kb / 13P
   3-Channel Constant-Current RGB LED Driver
Doc. No. MD-5038, Rev. A
CAT4103 ONSEMI-CAT4103 Datasheet
162Kb / 13P
   3-Channel Constant-Current RGB LED Driver
March, 2010 ??Rev. 1
CAT4109 ONSEMI-CAT4109_15 Datasheet
187Kb / 10P
   3-Channel Constant-Current RGB LED Driver
May, 2015 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com