Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3433 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3433
Description  Common Anode Capable High Brightness LED Driver with High Frequency Dimming
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3433 Datasheet(HTML) 5 Page - Texas Instruments

  LM3433_14 Datasheet HTML 1Page - Texas Instruments LM3433_14 Datasheet HTML 2Page - Texas Instruments LM3433_14 Datasheet HTML 3Page - Texas Instruments LM3433_14 Datasheet HTML 4Page - Texas Instruments LM3433_14 Datasheet HTML 5Page - Texas Instruments LM3433_14 Datasheet HTML 6Page - Texas Instruments LM3433_14 Datasheet HTML 7Page - Texas Instruments LM3433_14 Datasheet HTML 8Page - Texas Instruments LM3433_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM3433
www.ti.com
SNVS535B – OCTOBER 2007 – REVISED MARCH 2008
Electrical Characteristics
Specifications in standard type face are for TJ = 25°C and those with boldface type apply over the full Operating
Temperature Range ( TJ = −40°C to +125°C). Minimum and Maximum limits are guaranteed through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = +25ºC, and are provided for reference
purposes only. Unless otherwise stated the following conditions apply: VEE = -12.0V and VIN = +3.3V with respect to CGND.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
SUPPLY CURRENT
IINVEE
VEE Quiescent Current
EN = CGND
3
19
µA
EN = VIN, Not Switching
1.0
mA
IINVIN
VIN Quiescent Current
EN = VIN, Not Switching
300
µA
EN = CGND
35
71
OUTPUT CURRENT CONTROL
VCS
Current sense target voltage;
VADJ = VIN
57
60
63
mV
VCS = VCSP – VCSN
GADJ
IADJ Gain = (VADJ-
VIN = 3.3V, VADJ = 0.5V or
15
16.67
18
V/V
CGND)/(VCNP-VCSN)
1.5V w.r.t. CGND
ICSN
Isense Input Current
VADJ = 1V w.r.t. CGND
-50
µA
VADJ = VIN
10
ICSP
Isense Input Current
VADJ = VIN
60
µA
VADJ = 1V w.r.t. CGND
1
Gm
CS to COMP
Transconductance; Gm =
0.6
1.3
2.2
mS
ICOMP / (VCSP – VCSN -
VADJ/16.67)
ON TIME CONTROL
TONTH
On time threshold
VTON - VEE at terminate ON
230
287
334
mV
time event
GATE DRIVE AND INTERNAL REGULATOR
VCCOUT
VCC output regulation w.r.t.
ICC = 0mA to 20mA
6.3
6.75
7.1
V
VEE
VCCILIM
VCC current limit
VCC = VEE
33
53
mA
ROLH
HO output low resistance
I = 50mA source
2
ROHH
HO output high resistance
I = 50mA sink
3
ROLL
LO output low resistance
I = 50mA source
2
ROHL
LO output high resistance
I = 50mA sink
3
ROLP
DIMO output low resistance
I = 5mA source
20
ROHP
DIMO output high resistance
I = 5mA sink
30
FUNCTIONAL CONTROL
VINUVLO
VIN undervoltage lockout
With respect to CGND
1.4
V
VCCUVLO
VCC - VEE undervoltage lockout On Threshold
6.0
6.6
7.0
V
thresholds
Off threshold
4.9
5.4
5.8
VEN
Enable threshold, with respect
Device on w.r.t. CGND
1.6
V
to CGND
Device off w.r.t. CGND
0.6
REN
Enable pin pullup resistor
100
k
VDIM
DIM logic input threshold
DIM rising threshold w.r.t.
1.6
CGND
V
DIM falling threshold w.r.t.
0.6
CGND
RDIM
DIM pin pulldown resistor
100
k
IADJ
ADJ pin current
-1.0
1.0
µA
(1)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are 100% production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control
(SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3433


Similar Part No. - LM3433_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3433SQ NSC-LM3433SQ Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
LM3433SQX NSC-LM3433SQX Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
More results

Similar Description - LM3433_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3434 NSC-LM3434 Datasheet
369Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Texas Instruments
LM3434 TI1-LM3434 Datasheet
821Kb / 20P
[Old version datasheet]   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
National Semiconductor ...
LM3433 NSC-LM3433 Datasheet
337Kb / 14P
   Common Anode Capable High Brightness LED Driver with High Frequency Dimming
logo
Texas Instruments
LM3414 TI1-LM3414_15 Datasheet
1Mb / 30P
[Old version datasheet]   Common Anode-Capable Constant Current Buck LED Driver
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
   Boost White LED Driver With High Frequency PWM Dimming
logo
Maxim Integrated Produc...
MAX16803 MAXIM-MAX16803 Datasheet
327Kb / 12P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 0; 5/06
MAX16836 MAXIM-MAX16836 Datasheet
176Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 5/08
MAX16803 MAXIM-MAX16803_09 Datasheet
179Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 1; 4/09
MAX16836 MAXIM-MAX16836_09 Datasheet
182Kb / 11P
   High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
Rev 2; 4/09
logo
Advanced Power Electron...
APE1630 A-POWER-APE1630 Datasheet
612Kb / 11P
   32V,1A STEP-DOWN HIGH BRIGHTNESS LED DRIVER WITH 5000:1 DIMMING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com