Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3686 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3686 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3686_14 Datasheet HTML 3Page - Texas Instruments LM3686_14 Datasheet HTML 4Page - Texas Instruments LM3686_14 Datasheet HTML 5Page - Texas Instruments LM3686_14 Datasheet HTML 6Page - Texas Instruments LM3686_14 Datasheet HTML 7Page - Texas Instruments LM3686_14 Datasheet HTML 8Page - Texas Instruments LM3686_14 Datasheet HTML 9Page - Texas Instruments LM3686_14 Datasheet HTML 10Page - Texas Instruments LM3686_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LM3686
www.ti.com
SNVS520D – AUGUST 2008 – REVISED MARCH 2011
Electrical Characteristics
(1) (2) (3) (4) Linear Regulator — LILO (EN_DCDC = EN_LILO = ON - Large
NMOS) (continued)
Limits in standard typeface are for TA = 25°C. Limits appearing in boldface type apply over the full operating ambient
temperature range: -40°C
≤ TA= TJ ≤ +85°C. Unless otherwise noted, specifications apply to the closed loop typical
application circuits (linear regulator) with VIN_LDO = VBATT = 3.6V
(5) , V
IN_LILO = VOUT_DCDC(NOM), VEN (All) = VBATT, CIN_DC = 4.7 µF,
COUT_LILO = 2.2 µF, CIN_LDO = 1.0 µF , COUT_LDO = 1.0 µF ,COUT_DC = C IN_LILO = 10 µF
Limits
Symbol
Parameter
Condition
Units
Min
Typ
Max
ΔVIN_LILO
Dynamic line transient
VBATT = 3.1V to 3.7V
response on VBATT
VIN_LILO = VOUT_DCDC
+/-15
mV
tr, tf = 10 µS, IOUT = 200 mA
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3686


Similar Part No. - LM3686_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
More results

Similar Description - LM3686_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
MAX1765 MAXIM-MAX1765 Datasheet
559Kb / 19P
   800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
19-1805; Rev 0; 12/00
logo
Richtek Technology Corp...
RT8036 RICHTEK-RT8036 Datasheet
333Kb / 17P
   One Step Down DC/DC Converter and Four Linear Regulators with Individual On/Off Control
logo
National Semiconductor ...
LP8720 NSC-LP8720 Datasheet
1Mb / 24P
   One Step-Down DC/DC and Five Linear Regulators with I2C Compatible Interface
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 35P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17670 MAXIM-MAX17670 Datasheet
1Mb / 25P
   Integrated 4V-60V, 150mA, High-Efficiency Synchronous Step-Down DC-DC Converter with 50mA Linear Regulator
Rev 2; 4/20
logo
Texas Instruments
LP3907 TI1-LP3907 Datasheet
3Mb / 58P
[Old version datasheet]   Dual High-Current Step-Down DC-DC and Dual Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com