Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB84VA2102 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB84VA2102
Description  16M (x16) FLASH MEMORY & 2M (x 8) STATIC RAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VA2102 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB84VA2102 Datasheet HTML 1Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 2Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 3Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 4Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 5Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 6Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 7Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 8Page - Fujitsu Component Limited. MB84VA2102 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
4
MB84VA2102-10/MB84VA2103-10
s PRODUCT LINE UP
s BUS OPERATIONS
Legend: L = VIL, H = VIH, X = VIL or VIH. See DC Characteristics for voltage levels.
Notes: 1. Other operations except for indicated this column are inhibited.
2. WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
3. Do not apply CEf = VIL, CE1s = VIL and CE2s = VIH at a time.
Flash Memory
SRAM
Ordering Part No.
VCC = 3.0 V
MB84VA2102-10/MB84VA2103-10
Max. Address Access Time (ns)
100
100
Max. CE Access Time (ns)
100
100
Max. OE Access Time (ns)
40
50
Table 2 User Bus Operations
Operation (1), (3)
CEfCE1sCE2s
OE
WE
DQ0 to DQ7 DQ8 to DQ15
RESET
Full Standby
H
HX
X
X
HIGH-Z
HIGH-Z
H
XL
Output Disable
X
X
X
H
H
HIGH-Z
HIGH-Z
H
Read from Flash (2)
L
HX
LH
DOUT
DOUT
H
XL
Write to Flash
L
HX
HL
DIN
DIN
H
XL
Read from SRAM
H
L
H
L
H
DOUT
HIGH-Z
H
Write to SRAM
H
L
H
X
L
DIN
HIGH-Z
H
Flash Hardware Reset
X
HX
X
X
HIGH-Z
HIGH-Z
L
XL
+0.6 V
–0.3 V


Similar Part No. - MB84VA2102

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2100 FUJITSU-MB84VA2100 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2100-10 FUJITSU-MB84VA2100-10 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2101 FUJITSU-MB84VA2101 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2101-10 FUJITSU-MB84VA2101-10 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
More results

Similar Description - MB84VA2102

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB84VA2100 FUJITSU-MB84VA2100 Datasheet
400Kb / 29P
   16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
MB84VA2106 FUJITSU-MB84VA2106 Datasheet
423Kb / 29P
   16M (x16) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2108X FUJITSU-MB84VD2108X Datasheet
850Kb / 55P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
SPANSION
MB84VD2108XEM-70 SPANSION-MB84VD2108XEM-70 Datasheet
859Kb / 53P
   16M (x8/x16) FLASH MEMORY & 2M (x8/x16) STATIC RAM
logo
Fujitsu Component Limit...
MB84VD2208XEA FUJITSU-MB84VD2208XEA Datasheet
1Mb / 61P
   32M (X 8/X16) FLASH MEMORY & 2M (X 8/X16) STATIC RAM
MB84VA2104 FUJITSU-MB84VA2104 Datasheet
401Kb / 29P
   16M (x 8) FLASH MEMORY & 1M (x 8) STATIC RAM
MB84VD2218XEG FUJITSU-MB84VD2218XEG Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228 FUJITSU-MB84VD2228 Datasheet
1Mb / 63P
   32M (x 8/x16) FLASH MEMORY & 8M (x 8/x16) STATIC RAM
MB84VD2218XEC FUJITSU-MB84VD2218XEC Datasheet
1Mb / 61P
   32M (x 8/x16) FLASH MEMORY & 4M (x 8/x16) STATIC RAM
MB84VD2228XEA FUJITSU-MB84VD2228XEA Datasheet
1Mb / 63P
   32M (X 8/X16) FLASH MEMORY & 8M (X 8/X16) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com