Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX78 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # BDX78
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDX78 Datasheet(HTML) 2 Page - Savantic, Inc.

  BDX78 Datasheet HTML 1Page - Savantic, Inc. BDX78 Datasheet HTML 2Page - Savantic, Inc. BDX78 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
BDX78
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-0.2A; IB=0
-80
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1mA; IE=0
-100
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA; IC=0
-5
V
VCEsat-1
Collector-emitter saturation voltage
IC=-3A; IB=-0.3A
-1.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=-6A; IB=-0.6A
-1.5
V
VBEsat
Base-emitter saturation voltage
IC=-6A; IB=-0.6A
-2.0
V
VBE
Base-emitter on voltage
IC=-3A ; VCE=-2V
-1.5
V
ICBO
Collector cut-off current
VCB=-40V; IE=0
-0.1
mA
ICEO
Collector cut-off current
VCE=-30V; IB=0
-0.2
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-0.5
mA
fT
Transition frequency
IC=-0.3A ; VCE=-3V
7
MHz
hFE
DC current gain
IC=-1A ; VCE=-2V
30
Switching times
ton
Turn-on time
1.0
µs
toff
Turn-off time
IC=2A IB1=-IB2=0.2A
2.0
µs


Similar Part No. - BDX78

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BDX78 ETC-BDX78 Datasheet
26Kb / 3P
   PNP PLASTIC POWER TRANSISTORS
logo
Savantic, Inc.
BDX78 SAVANTIC-BDX78 Datasheet
93Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
BDX78 ISC-BDX78 Datasheet
133Kb / 3P
   Silicon PNP Power Transistors
logo
Continental Device Indi...
BDX78 CDIL-BDX78 Datasheet
77Kb / 3P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BDX78 NJSEMI-BDX78 Datasheet
139Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BDX78

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com