Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3204 Datasheet(PDF) 1 Page - NEC

Part # 2SK3204
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3204 Datasheet(HTML) 1 Page - NEC

  2SK3204 Datasheet HTML 1Page - NEC 2SK3204 Datasheet HTML 2Page - NEC 2SK3204 Datasheet HTML 3Page - NEC 2SK3204 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©
1998, 1999
MOS FIELD EFFECT TRANSISTOR
2SK3204
SWITCHING
N-CHANNEL POWER MOS FET
INDUSTRIAL USE
Document No. D13796EJ1V0DS00 (1st edition)
Date Published April 1999 NS CP (K)
Printed in Japan
DATA SHEET
The mark
• shows major revised points.
DESCRIPTION
The 2SK3204 is N-Channel MOS Field Effect Transistor
designed for high current switching applications.
FEATURES
• Low on-state resistance :
RDS(on)1 = 34 m
Ω (MAX.) (VGS = 10 V, ID = 8 A)
RDS(on)2 = 50 m
Ω (MAX.) (VGS = 4 V, ID = 8 A)
• Low Ciss : Ciss = 940 pF (TYP.)
• Built-in gate protection diode.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C)
Drain to Source Voltage
VDSS
60
V
Gate to Source Voltage
VGSS(AC)
±20
V
Gate to Source Voltage
VGSS(DC)
+20,
−10
V
Drain Current (DC)
ID(DC)
±15
A
Drain Current (pulse)
Note1
ID(pulse)
±45
A
Total Power Dissipation (TA = 25 °C)
PT
1.8
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
15
A
Single Avalanche Energy
Note2
EAS
22.5
mJ
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1 %
2. Starting Tch = 25 °C, RG = 25
Ω, VGS = 20 V→0 V
THERMAL RESISTANCE
Channel to Ambient
Rth(ch-A)
69.4
°C/W
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK3204
MP-10


Similar Part No. - 2SK3204

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3204 RENESAS-2SK3204 Datasheet
231Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SK3204

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com