Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2055A Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2055A
Description  CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2055A Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS2055A Datasheet HTML 7Page - Texas Instruments TPS2055A Datasheet HTML 8Page - Texas Instruments TPS2055A Datasheet HTML 9Page - Texas Instruments TPS2055A Datasheet HTML 10Page - Texas Instruments TPS2055A Datasheet HTML 11Page - Texas Instruments TPS2055A Datasheet HTML 12Page - Texas Instruments TPS2055A Datasheet HTML 13Page - Texas Instruments TPS2055A Datasheet HTML 14Page - Texas Instruments TPS2055A Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
www.ti.com
SUPPLY CURRENT (TPS2045A, TPS2055A)
SUPPLY CURRENT (TPS2046A, TPS2056A)
TPS2045A
,, TPS2046A
TPS2047A, TPS2048A, TPS2055A
TPS2056A, TPS2057A, TPS2058A
SLVS251C – SEPTEMBER 2000 – REVISED JANUARY 2008
TPS2045A
TPS2055A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C
0.025
1
VI(EN) = VI(IN)
40
°C ≤ T
J ≤ 125°C
10
Supply current,
No Load
µA
low-level output
on OUT
TJ = 25°C
0.025
1
VI(EN) = 0 V
40
°C ≤ T
J ≤ 125°C
10
TJ = 25°C
85
110
VI(EN) = 0 V
40
°C ≤ T
J ≤ 125°C
100
Supply current,
No Load
µA
high-level output
on OUT
TJ = 25°C
85
110
VI(EN) = VI(IN)
40
°C ≤ T
J ≤ 125°C
100
OUT
VI(EN) = VI(IN)
40
°C ≤ T
J ≤ 125°C
100
Leakage current
connected
µA
VI(EN)= 0 V
40
°C ≤ T
J ≤ 125°C
100
to ground
VI(EN) = 0 V
0.3
Reverse leakage
IN = High
TJ = 25°C
µA
current
impedance
VI(EN)= VI(IN)
0.3
TPS2046A
TPS2056A
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
TJ = 25°C
0.025
1
VI(ENx) = VI(IN)
40
°C ≤ T
J ≤ 125°C
10
Supply current,
No Load
µA
low-level output
on OUT
TJ = 25°C
0.025
1
VI(ENx) = 0 V
40
°C ≤ T
J ≤ 125°C
10
TJ = 25°C
85
110
VI(ENx) = 0 V
40
°C ≤ T
J ≤ 125°C
100
Supply current,
No Load
µA
high-level output
on OUT
TJ = 25°C
85
110
VI(ENx) = VI(IN)
40
°C ≤ T
J ≤ 125°C
100
OUT
VI(ENx) = VI(IN)
40
°C ≤ T
J ≤ 125°C
100
Leakage current
connected
µA
VI(ENx) = 0 V
40
°C ≤ T
J ≤ 125°C
100
to ground
VI(EN) = 0 V
0.3
Reverse leakage
IN = high
TJ = 25°C
µA
current
impedance
VI(EN) = VI(IN)
0.3
Copyright © 2000–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS2045A TPS2046A TPS2047A TPS2048A TPS2055A TPS2056A TPS2057A TPS2058A


Similar Part No. - TPS2055A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2055A TI-TPS2055A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2055AD TI-TPS2055AD Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2055AD TI1-TPS2055AD Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2055ADG4 TI1-TPS2055ADG4 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2055ADR TI-TPS2055ADR Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Similar Description - TPS2055A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com