Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7970A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7970A
Description  Multiprotocol Fully Integrated 13.56-MHz RFID and Near Field Communication (NFC) Transceiver IC
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7970A Datasheet(HTML) 7 Page - Texas Instruments

Back Button TRF7970A Datasheet HTML 3Page - Texas Instruments TRF7970A Datasheet HTML 4Page - Texas Instruments TRF7970A Datasheet HTML 5Page - Texas Instruments TRF7970A Datasheet HTML 6Page - Texas Instruments TRF7970A Datasheet HTML 7Page - Texas Instruments TRF7970A Datasheet HTML 8Page - Texas Instruments TRF7970A Datasheet HTML 9Page - Texas Instruments TRF7970A Datasheet HTML 10Page - Texas Instruments TRF7970A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
TRF7970A
www.ti.com
SLOS743K – AUGUST 2011 – REVISED APRIL 2014
4.2
Terminal Functions
Table 4-1 describes the signals.
Table 4-1. Terminal Functions
TERMINAL
TYPE (1)
DESCRIPTION
NAME
NO.
VDD_A
1
OUT
Internal regulated supply (2.7 V to 3.4 V) for analog circuitry
VIN
2
SUP
External supply input to chip (2.7 V to 5.5 V)
VDD_RF
3
OUT
Internal regulated supply (2.7 V to 5 V), normally connected to VDD_PA (pin 4)
VDD_PA
4
INP
Supply for PA; normally connected externally to VDD_RF (pin 3)
TX_OUT
5
OUT
RF output (selectable output power, 100 mW or 200 mW, with VDD = 5 V)
VSS_PA
6
SUP
Negative supply for PA; normally connected to circuit ground
VSS_RX
7
SUP
Negative supply for RX inputs; normally connected to circuit ground
RX_IN1
8
INP
Main RX input
RX_IN2
9
INP
Auxiliary RX input
VSS
10
SUP
Chip substrate ground
BAND_GAP
11
OUT
Bandgap voltage (VBG = 1.6 V); internal analog voltage reference
Selection between ASK and OOK modulation (0 = ASK, 1 = OOK) for Direct Mode 0 or 1.
ASK/OOK
12
BID
Can be configured as an output to provide the received analog signal output.
IRQ
13
OUT
Interrupt request
INP
External data modulation input for Direct Mode 0 or 1
MOD
14
OUT
Subcarrier digital data output (see registers 0x1A and 0x1B)
VSS_A
15
SUP
Negative supply for internal analog circuits; connected to GND
VDD_I/O
16
INP
Supply for I/O communications (1.8 V to VIN) level shifter. VIN should be never exceeded.
I/O_0
17
BID
I/O pin for parallel communication
I/O_1
18
BID
I/O pin for parallel communication
I/O pin for parallel communication
I/O_2
19
BID
TX Enable (in Special Direct Mode)
I/O pin for parallel communication
I/O_3
20
BID
TX Data (in Special Direct Mode)
I/O pin for parallel communication
I/O_4
21
BID
Slave Select signal in SPI mode
I/O pin for parallel communication
I/O_5
22
BID
Data clock output in Direct Mode 1 and Special Direct Mode
I/O pin for parallel communication
I/O_6
23
BID
MISO for serial communication (SPI)
Serial bit data output in Direct Mode 1 or subcarrier signal in Direct Mode 0
I/O pin for parallel communication.
I/O_7
24
BID
MOSI for serial communication (SPI)
Selection of power down mode. If EN2 is connected to VIN, then VDD_X is active during power
EN2
25
INP
down mode 2 (for example, to supply the MCU).
DATA_CLK
26
INP
Data Clock input for MCU communication (parallel and serial)
If EN = 1 (EN2 = don't care) the system clock for MCU is configured. Depending on the crystal
that is used, options are as follows (see register 0x09):
SYS_CLK
27
OUT
13.56-MHz crystal: Off, 3.39 MHz, 6.78 MHz, or 13.56 MHz
27.12-MHz crystal: Off, 6.78 MHz, 13.56 MHz, or 27.12 MHz
If EN = 0 and EN2 = 1, then system clock is set to 60 kHz
EN
28
INP
Chip enable input (If EN = 0, then chip is in sleep or power-down mode).
VSS_D
29
SUP
Negative supply for internal digital circuits
(1)
SUP = Supply, INP = Input, BID = Bidirectional, OUT = Output
Copyright © 2011–2014, Texas Instruments Incorporated
Terminal Configuration and Functions
7
Submit Documentation Feedback
Product Folder Links: TRF7970A


Similar Part No. - TRF7970A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970A TI1-TRF7970A Datasheet
806Kb / 7P
[Old version datasheet]   HF-RFID Reader Layout Design Guide
TRF7970AEVM TI-TRF7970AEVM Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970ARHBR TI1-TRF7970ARHBR Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
More results

Similar Description - TRF7970A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7970A TI-TRF7970A Datasheet
3Mb / 85P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION (NFC) TRANSCEIVER IC
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
logo
NXP Semiconductors
PN7160 NXP-PN7160_V01 Datasheet
761Kb / 70P
   Near Field Communication (NFC) controller
Rev. 3.8 - 14 December 2022
PN7160 NXP-PN7160_V02 Datasheet
760Kb / 67P
   Near Field Communication (NFC) controller
Rev. 3.9 - 8 March 2023
PN5331B3HN NXP-PN5331B3HN Datasheet
1Mb / 236P
   Near Field Communication (NFC) controller
Rev. 3.4-29 November 2017
PN532 NXP-PN532 Datasheet
201Kb / 27P
   Near Field Communication (NFC) controller
Rev.3.2-20 September 2012
PN533 PHILIPS-PN533 Datasheet
76Kb / 9P
   Near Field Communication (NFC) controller
Rev. 3.3-16 July 2012
PN7160 NXP-PN7160 Datasheet
755Kb / 68P
   Near Field Communication (NFC) controller
Rev.3.2-30September2021
logo
Texas Instruments
TRF7963ARHBR TI-TRF7963ARHBR Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID EADER/WRITER FOR ISO14443A,B/NFC STANDARDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com