Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZP6SMB16AT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SZP6SMB16AT3G
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZP6SMB16AT3G Datasheet(HTML) 3 Page - ON Semiconductor

  SZP6SMB16AT3G Datasheet HTML 1Page - ON Semiconductor SZP6SMB16AT3G Datasheet HTML 2Page - ON Semiconductor SZP6SMB16AT3G Datasheet HTML 3Page - ON Semiconductor SZP6SMB16AT3G Datasheet HTML 4Page - ON Semiconductor SZP6SMB16AT3G Datasheet HTML 5Page - ON Semiconductor SZP6SMB16AT3G Datasheet HTML 6Page - ON Semiconductor SZP6SMB16AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P6SMB6.8AT3G Series, SZP6SMB6.8AT3G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device*
Device
Marking
VRWM
(Note 6)
IR @
VRWM
Breakdown Voltage
VC @ IPP (Note 8)
QVBR
Ctyp
(Note 9)
VBR V (Note 7)
@ IT
VC
IPP
V
mA
Min
Nom
Max
mA
V
A
%/°C
pF
P6SMB6.8AT3G
P6SMB7.5AT3G
P6SMB8.2AT3G
P6SMB9.1AT3G
6V8A
7V5A
8V2A
9V1A
5.8
6.4
7.02
7.78
1000
500
200
50
6.45
7.13
7.79
8.65
6.8
7.51
8.2
9.1
7.14
7.88
8.61
9.55
10
10
10
1
10.5
11.3
12.1
13.4
57
53
50
45
0.057
0.061
0.065
0.068
2380
2180
2015
1835
P6SMB10AT3G
P6SMB12AT3G
P6SMB13AT3G
10A
12A
13A
8.55
10.2
11.1
10
5
5
9.5
11.4
12.4
10
12
13.05
10.5
12.6
13.7
1
1
1
14.5
16.7
18.2
41
36
33
0.073
0.078
0.081
1690
1435
1335
P6SMB15AT3G
P6SMB16AT3G
P6SMB18AT3G
P6SMB20AT3G
15A
16A
18A
20A
12.8
13.6
15.3
17.1
5
5
5
5
14.3
15.2
17.1
19
15.05
16
18
20
15.8
16.8
18.9
21
1
1
1
1
21.2
22.5
25.2
27.7
28
27
24
22
0.084
0.086
0.088
0.09
1175
1110
1000
910
P6SMB22AT3G
P6SMB24AT3G
P6SMB27AT3G
P6SMB30AT3G
22A
24A
27A
30A
18.8
20.5
23.1
25.6
5
5
5
5
20.9
22.8
25.7
28.5
22
24
27.05
30
23.1
25.2
28.4
31.5
1
1
1
1
30.6
33.2
37.5
41.4
20
18
16
14.4
0.092
0.094
0.096
0.097
835
775
700
635
P6SMB33AT3G
P6SMB36AT3G
P6SMB39AT3G
P6SMB43AT3G
33A
36A
39A
43A
28.2
30.8
33.3
36.8
5
5
5
5
31.4
34.2
37.1
40.9
33.05
36
39.05
43.05
34.7
37.8
41
45.2
1
1
1
1
45.7
49.9
53.9
59.3
13.2
12
11.2
10.1
0.098
0.099
0.1
0.101
585
540
500
460
P6SMB47AT3G
P6SMB51AT3G
P6SMB56AT3G
P6SMB62AT3G
47A
51A
56A
62A
40.2
43.6
47.8
53
5
5
5
5
44.7
48.5
53.2
58.9
47.05
51.05
56
62
49.4
53.6
58.8
65.1
1
1
1
1
64.8
70.1
77
85
9.3
8.6
7.8
7.1
0.101
0.102
0.103
0.104
425
395
365
335
P6SMB68AT3G
P6SMB75AT3G
P6SMB82AT3G
P6SMB91AT3G
68A
75A
82A
91A
58.1
64.1
70.1
77.8
5
5
5
5
64.6
71.3
77.9
86.5
68
75.05
82
91
71.4
78.8
86.1
95.5
1
1
1
1
92
103
113
125
6.5
5.8
5.3
4.8
0.104
0.105
0.105
0.106
305
280
260
235
P6SMB100AT3G
P6SMB110AT3G
P6SMB120AT3G
P6SMB130AT3G
100A
110A
120A
130A
85.5
94
102
111
5
5
5
5
95
105
114
124
100
110.5
120
130.5
105
116
126
137
1
1
1
1
137
152
165
179
4.4
4.0
3.6
3.3
0.106
0.107
0.107
0.107
215
200
185
170
P6SMB150AT3G
P6SMB160AT3G
P6SMB180AT3G
150A
160A
180A
128
136
154
5
5
5
143
152
171
150.5
160
180
158
168
189
1
1
1
207
219
246
2.9
2.7
2.4
0.108
0.108
0.108
150
140
130
P6SMB200AT3G
200A
171
5
190
200
210
1
274
2.2
0.108
115
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25°C.
8. Surge current waveform per Figure 2 and derate per Figure 3.
9. Bias Voltage = 0 V, F = 1 MHz, TJ = 25°C
* Include SZ-prefix devices where applicable.


Similar Part No. - SZP6SMB16AT3G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZP6SMB16AT3G LITTELFUSE-SZP6SMB16AT3G Datasheet
652Kb / 7P
   Surface Mount > 600W Zener Transient Overvoltage Suppressors
Revised: GD. 01/08/21
More results

Similar Description - SZP6SMB16AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com