Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP000063858 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # SP000063858
Description  Transmitter for Polymer Optical Fiber Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

SP000063858 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  SP000063858 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED SP000063858 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED SP000063858 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED SP000063858 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Package Dimensions
SFH757
SFH757V
Dimensions in mm
Dimensions in mm
Package V-housing Color
SFH V-series components are color coded just like other
Avago fiber optic components. The SFH757V transmitter
has a white colored housing; the SFH250V and SFH551/1-
1V receiver components have a black colored housing.
This prevents mistakes while making connections.
Product designation and date of manufacture are printed
on the housing.
Package V-housing mounting pins
SFH V-series components have two pins that are electri-
cally isolated from the inner circuit. The pins are only
designed for mounting the V-housing to the PCB surface.
This helps increase stability, which is needed during
fixing the fiber end by the axial locking screw.
The retention force between the soldered mounting pins
and the V-housing of the SFH component is about 20 N
(with a vertical exertion of force). This is an approximate
value.
Package V-housing axial locking screw
Components of the SFH V-series are equipped with an
axial locking screw for easy coupling to the unconnec-
torized 2.2 mm polymer optical fiber. The force that is
necessary to pull a jammed fiber out of the V-housing is
typically 50 N (with a torque of 15 cNm for tightening the
locking screw). This is an approximate value that is very
dependent on the fiber and torque combination.
Package V-housing mounting pins
Package V-housing axial locking screw
surface not at
28
A
view from A
1.5
0.5
5.3
8.6
7.65
4.6
Cathode
locking screw
24.0
13.5
spacing
0.5
0.6
SFH757
component
9.0
Cathode
2.54
5.08
7.62


Similar Part No. - SP000063858

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SP000063855 AVAGO-SP000063855 Datasheet
84Kb / 5P
   Receiver with Digital Output Stage for Polymer Optical Fiber Applications
More results

Similar Description - SP000063858

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SFH757 AVAGO-SFH757_11 Datasheet
629Kb / 4P
   Transmitter for Polymer Optical Fiber Applications
SFH250 AVAGO-SFH250_11 Datasheet
520Kb / 4P
   Receiver with analog output for polymer optical fiber applications
SP000063855 AVAGO-SP000063855 Datasheet
84Kb / 5P
   Receiver with Digital Output Stage for Polymer Optical Fiber Applications
AFBR-4595Z AVAGO-AFBR-4595Z Datasheet
388Kb / 2P
   Simple Cutting Tool for Polymer Optical Fiber
logo
Sharp Corporation
GP1FAV50TK0F SHARP-GP1FAV50TK0F Datasheet
23Kb / 1P
   Cost competitive, Popular type Optical Fiber Transmitter
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Broadcom Corporation.
AFBR-1555ARZ BOARDCOM-AFBR-1555ARZ Datasheet
549Kb / 9P
   Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Skyworks Solutions Inc.
SKY74702 SKYWORKS-SKY74702 Datasheet
63Kb / 2P
   Transmitter for CDMA Applications
logo
KODENSHI_AUK CORP.
BL-23G KODENSHI-BL-23G Datasheet
194Kb / 2P
   Emitter for Optical Fiber(GaAlAs)
logo
Sharp Corporation
GP1FA313RZ SHARP-GP1FA313RZ Datasheet
30Kb / 1P
   Square type Optical Fiber Transmitter/Receiver Unit for 3V Operation and Double Speed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com