Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-211DT Datasheet(PDF) 2 Page - Rohm

Part # SML-211DT
Description  0805 2.0 1.25 t=0.8mm Low Current Type(IF 10mA)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211DT Datasheet(HTML) 2 Page - Rohm

  SML-211DT Datasheet HTML 1Page - Rohm SML-211DT Datasheet HTML 2Page - Rohm SML-211DT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristic Curves
Forward Current - Forward Voltage
Relative Luminous Intensity - Case Temperature
Ratio of Maximum Tolerable Peak Current - Pulse Duration
Derating
Relative Luminous Intensity - Forward Current
Rev.C
20
16
12
8
4
18
14
10
6
2
0
-30 -20 -10 0 10
80
70
90
50
40
60
30
20
AMBIENT TEMPERATURE : Ta
(
°C)
1
1
10
3
5
10
100
1000
10000
PULSE DURATION : Tw
(
µs)
100
10
1
0
PEAK FORWARD CURRENT : IF
(mA)
1
10
100
0
Ta=25
°C
SML-211YT
SML-211WT
SML-211YT
SML-211WT
SML-211DT
SML-211UT
----
SML-211YT
SML-211WT
SML-211YT
SML-211WT
SML-211DT
SML-211UT
----
SML-211YT
SML-211WT
SML-211YT
SML-211WT
SML-211DT
SML-211UT
----
SML-211YT
SML-211WT
SML-211YT
SML-211WT
SML-211DT
SML-211UT
----
100.0
10.0
1.0
1.5
2.0
2.5
1.0
0.1
FORWARD VOLTAGE : VF
(V)
SML-211YT
SML-211WT
SML-211YT
SML-211WT
SML-211DT
SML-211UT
----
Ta=25
°C
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-20 -10
0
10
20 30 40
50 60 70
80
CASE TEMPERATURE : Tc
(
°C)
IF=2mA


Similar Part No. - SML-211DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211DT ROHM-SML-211DT Datasheet
462Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-211DT ROHM-SML-211DT Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-211DT ROHM-SML-211DT Datasheet
84Kb / 3P
   Chip LEDs with low power consumption
SML-211DT ROHM-SML-211DT Datasheet
136Kb / 3P
   SML-21 Series
SML-211DT ROHM-SML-211DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-211DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211YTT86K ROHM-SML-211YTT86K Datasheet
116Kb / 3P
   0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
   0805<2.0 1.25 t=0.8mm> Standard Type
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SMLE12 ROHM-SMLE12 Datasheet
103Kb / 3P
   0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
SML512 ROHM-SML512 Datasheet
105Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-811 ROHM-SML-811 Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com