Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RA0058A Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part No. RA0058A
Description  SINGLE PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SSDI [Solid States Devices, Inc]
Homepage  http://www.ssdi-power.com
Logo 

RA0058A Datasheet(HTML) 1 Page - Solid States Devices, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0058A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA41
____
UF
____
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Reverse Recovery Time
UF = Ultra Fast Recovery
Voltage/Family
A = 50V
B = 100V
C = 200V
D = 300V
E = 400V
F = 500V
G = 600V
SDA41AUF thru SDA41GUF
14.5A Rectifier Assembly
14.5 AMPS
50 ─ 600 VOLTS
ULTRA FAST RECOVERY
SINGLE PHASE BRIDGE RECTIFIER
FEATURES:
Ultra Fast Reverse Recovery Time 70 ns Max
Average Output Current 14.5 Amps @ 50OC
PIV 50 to 600 Volts Per Leg
Thermal Resistance Junction to Case 1.5OC/W Max
All Welded Interconnects
Hermetically Sealed
Universal 3 Way Terminals
Aluminum Case
Available in Higher Voltages
Hyper Fast and Standard Recovery Versions
Available – Contact Factory
TX, TXV, and S-Level Screening Available2/
NOTES:
1. For Ordering Information, Price, Operating Curves, and Availability
– Contact Factory.
2. Screening based on MIL-PRF-19500. Screening flows available on
request.
3. Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4. Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp rec. to .25 Amp.
ELECTRICAL CHARACTERISTICS3
Part Number
Peak
Inverse
Voltage
(per leg)
Sine Wave
RMS
Input
Voltage
Max.
Reverse4
Recovery
Time
Average DC
Output Current
TC=Case Temp
Average DC Output
Current
TA= Ambient Temp
(no heat sink)
Peak Forward
Surge Current
(1 Cycle)
Peak
Repetitive
Forward
Current
Maximum
Forward
Voltage
(per leg) @ 3
ADC
Maximum Reverse
Current
(per leg)
@ PIV
Symbol
PIV
Vr
Trr
IF(AV)
IF(AV)
IFSM
IFRM
VF
IR
Units
Volts
Volts
ns
Amps
Amps
Amps
Amps
Volts
μA
Conditions
Max
50oC 100oC 25oC
55oC
25oC
100oC
SDA41AUF
50
35
70
14.5
10.5
5
4
75
25
1.35
20
500
SDA41BUF
100
70
70
14.5
10.5
5
4
75
25
1.35
20
500
SDA41CUF
200
140
70
14.5
10.5
5
4
75
25
1.35
20
500
SDA41DUF
300
210
70
14.5
10.5
5
4
75
25
1.35
20
500
SDA41EUF
400
280
70
14.5
10.5
5
4
75
25
1.35
20
500
SDA41FUF
500
350
70
14.5
10.5
5
4
75
25
1.35
20
500
SDA41GUF
600
420
70
14.5
10.5
5
4
75
25
1.35
20
500


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn