Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF613 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF613
Description  N-Channel Power MOSFETs 3.5 A, 150-200 V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF613 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRF613 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF613 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF613 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRF613

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF613 FAIRCHILD-IRF613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
logo
New Jersey Semi-Conduct...
IRF613 NJSEMI-IRF613 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
logo
Inchange Semiconductor ...
IRF613 ISC-IRF613 Datasheet
45Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF613 ARTSCHIP-IRF613 Datasheet
344Kb / 5P
   N-Channel Power Mosfets
More results

Similar Description - IRF613

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP2N18 NJSEMI-MTP2N18 Datasheet
113Kb / 3P
   N-Channel Power MOSFETs 3.5 A, 150-200 V
MTP12N18 NJSEMI-MTP12N18 Datasheet
106Kb / 3P
   N-Channel Power MOSFETs, 12 A, 150-200 V
IRF230 NJSEMI-IRF230 Datasheet
106Kb / 3P
   N-Channel Power MOSFETs, 12 A, 150-200 V
2N6765 NJSEMI-2N6765 Datasheet
92Kb / 2P
   N-Channel Power MOSFETs 30 A,150 V/200 V
logo
Fairchild Semiconductor
IRF230-233 FAIRCHILD-IRF230-233 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 12A, 150-200 V
logo
Vishay Siliconix
VN2010L VISHAY-VN2010L Datasheet
45Kb / 4P
   N-Channel 200-V (D-S) MOSFETs
Rev. C, 16-Jul-01
SUM90100E VISHAY-SUM90100E_V01 Datasheet
193Kb / 8P
   N-Channel 200 V (D-S) MOSFETS
01-Jan-2022
logo
Fairchild Semiconductor
IRF610-613 FAIRCHILD-IRF610-613 Datasheet
148Kb / 5P
   N-Channel Power MOSFETs, 3.5A, 150-200V
IRF220-223 FAIRCHILD-IRF220-223 Datasheet
165Kb / 5P
   N-Channel Power MOSFETs, 7A, 150-200V
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com