Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

QTHA-CMS0-C580-QD Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. QTHA-CMS0-C580-QD
Description  Connect to any CGA 580 cylinder valve without a wrench or thread sealant
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RALSTON [Ralston Instruments.]
Homepage  http://www.ralstoninst.com
Logo 

QTHA-CMS0-C580-QD Datasheet(HTML) 1 Page - Ralston Instruments.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QTHA-CMS0-C580-QD
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTHA-CMS0-C580-QD
CGA 580 Quick-connect x Male Quick-test, no check valve,
Stainless Steel
Connect to any CGA 580 cylinder valve without
a wrench or thread sealant
Features
• Use in the field when connecting a pressure regulator to a
nitrogen cylinder
• Use when filling multiple gas bottles
• Made in USA
Specifications
Pressure Range
0 to 5000 psi (0 to 345 bar)
End C1
580 Male CGA 580 with Quick-Disconnect
End C2
Male Quick-test
Has Check Valve
No
Construction
Stainless Steel
Seal materials
Buna-N, Teflon


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn