Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB-871LF Datasheet(PDF) 1 Page - Protech Systems Co., Ltd.

Part # PMB-871LF
Description  ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

PMB-871LF Datasheet(HTML) 1 Page - Protech Systems Co., Ltd.

  PMB-871LF Datasheet HTML 1Page - Protech Systems Co., Ltd. PMB-871LF Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMB-871LF
ATX MB with Intel®
Core™ i7/i5/i3/Pentium
with VGA/DP, 4 COM,
Dual LAN, DDR3
Intel® LGA1155 Socket support
SandyBridge Core™
i7/i5/i3/Pentium processor
Four DIMM sockets support up to
32 GB DDR3 1066/1333
Support Dual Gb Ethernet
Supports SATA RAID 0, 1, 5, 10,
iAMT7.0
Expansion Slots for one PCI-E(16x),
one PCI-E(4x), four PCI slot and
one Mini PCIe
Features :
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Similar Part No. - PMB-871LF

ManufacturerPart #DatasheetDescription
logo
Protech Systems Co., Lt...
PMB-872LF PROTECHSYSTEMS-PMB-872LF Datasheet
638Kb / 2P
   Mini-ITX MB Supports LGA1155 Intel짰 Core??i7/i5/i3/Pentium짰 /Celeron짰 CPU
More results

Similar Description - PMB-871LF

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-701 ADVANTECH-AIMB-701 Datasheet
486Kb / 2P
   LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual GbE LAN
AIMB-780 ADVANTECH-AIMB-780 Datasheet
1Mb / 3P
   Intel짰 Core??i7/i5/i3/Pentium/Xeon with DVI/VGA, 4 COM, Dual LAN, DDR3
AIMB-781 ADVANTECH-AIMB-781 Datasheet
2Mb / 2P
   LGA1155 Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, Dual Gigabit LAN, DDR3, SATA III
logo
Adlink Technology Inc.
IMB-M40H ADLINK-IMB-M40H Datasheet
269Kb / 1P
   ATX Intel Core i7/i5/i3/Pentium/Celeron Industrial Motherboard
logo
Advantech Co., Ltd.
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
AIMB-580 ADVANTECH-AIMB-580 Datasheet
756Kb / 2P
   Intel짰 Core i7/i5/i3/Pentium mATX with VGA/DVI, 4 COM, Dual LAN
20-Jan-2010
PCA-6028VG-00A1E ADVANTECH-PCA-6028VG-00A1E Datasheet
1Mb / 2P
   LGA1150 Intel짰 Core??i7/i5/i3/Pentium SBC with VGA/DVI/Dual GbE LAN
AIMB-784 ADVANTECH-AIMB-784_15 Datasheet
914Kb / 2P
   LGA1150 4th Generation Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, DDR3, SATA III
AIMB-782 ADVANTECH-AIMB-782_V01 Datasheet
660Kb / 2P
   LGA1155 3rd Generation Intel짰 Core??i7/i5/i3/Pentium ATX with DVI/VGA, DDR3, SATA III
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com