Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3401 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3401
Description  Hysteretic PFET Controller for High Power LED Drive
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3401 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3401 Datasheet HTML 3Page - Texas Instruments LM3401 Datasheet HTML 4Page - Texas Instruments LM3401 Datasheet HTML 5Page - Texas Instruments LM3401 Datasheet HTML 6Page - Texas Instruments LM3401 Datasheet HTML 7Page - Texas Instruments LM3401 Datasheet HTML 8Page - Texas Instruments LM3401 Datasheet HTML 9Page - Texas Instruments LM3401 Datasheet HTML 10Page - Texas Instruments LM3401 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
R2 =
SNSHYS x 5
20 PA
ILED_PK =
ILED_RIP
2
ILED +
RSNS =
VSNS
ILED
VCS
10V/Div
VSNS
100 mV/Div
ILED
100 mA/Div
400 ns/DIV
LM3401
www.ti.com
SNVS516B – AUGUST 2007 – REVISED OCTOBER 2011
Figure 3. Hysteretic Switching Waveforms
OUTPUT CURRENT SETTING
The LED average current is programmed using a resistor between SNS and GND, shown as R1 in the typical
application schematic. The SNS resistor (RSNS) can be calculated as follows:
(1)
Where VSNS is 200 mV typically, and ILED is the DC average LED current.
The sense resistor power rating must be higher than its power dissipation. The required power rating can be
calculated (in Watts) as follows:
WRSNS = VSNS x ILED
(2)
When selecting a sense resistor, thermal de-rating must also be taken into consideration.
While RSNS sets the DC LED current, the AC peak LED current will be higher than the DC setting. This peak
current must not be greater than the maximum peak current rating of the LED, ILED_max. Peak LED current can be
calculated from the equation below:
(3)
The LED ripple current, ILED_RIP, is described below in the Hysteresis Adjust section.
HYSTERESIS ADJUST
Adjustable hysteresis (via the HYS pin) provides direct control over the LED ripple current. The HYS pin also
gives some control over the switching frequency. Although the hysteresis value can be set after the inductor is
selected, a preliminary value must be set in order to begin the frequency calculation. The hysteresis window
must be set small enough to keep the peak LED current below its maximum rating, ILED_max.
The maximum SNS pin hysteresis can be calculated as shown:
SNSHYS_MAX = (ILED_max - ILED) x RSNS
(4)
Any SNSHYS value between 10mV and this maximum is acceptable.
The SNSHYS value is set with a single resistor from the HYS pin to GND, shown as R2 in the typical application
schematic. The HYS pin voltage, VHYS, is internally multiplied by SNSHYS_MU (0.2 typical) to generate the
hysteresis at the SNS pin, SNSHYS. The hysteresis setting resistor can be determined from the following
equation:
(5)
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3401


Similar Part No. - LM3401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   LM3401 Hysteretic PFET Controller for High Power LED Drive
LM3401 TI1-LM3401 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Shanghai Leiditech Elec...
LM3401 LEIDITECH-LM3401 Datasheet
493Kb / 3P
   P-Channel Enhancement-ModeMOS FETs
More results

Similar Description - LM3401

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3401 NSC-LM3401_08 Datasheet
401Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401 TI1-LM3401_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3401 NSC-LM3401 Datasheet
387Kb / 18P
   Hysteretic PFET Controller for High Power LED Drive
logo
Texas Instruments
LM3401MM TI-LM3401MM Datasheet
1Mb / 27P
[Old version datasheet]   LM3401 Hysteretic PFET Controller for High Power LED Drive
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com