Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3687 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM3687
Description  Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3687 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM3687 Datasheet HTML 21Page - Texas Instruments LM3687 Datasheet HTML 22Page - Texas Instruments LM3687 Datasheet HTML 23Page - Texas Instruments LM3687 Datasheet HTML 24Page - Texas Instruments LM3687 Datasheet HTML 25Page - Texas Instruments LM3687 Datasheet HTML 26Page - Texas Instruments LM3687 Datasheet HTML 27Page - Texas Instruments LM3687 Datasheet HTML 28Page - Texas Instruments LM3687 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
0
1.0
2.0
3.0
4.0
5.0
DC BIAS (V)
100%
80%
60%
40%
20%
0402, 6.3V, X5R
0603, 10V, X5R
LM3687
www.ti.com
SNVS473A – DECEMBER 2007 – REVISED JULY 2008
In particular, the output capacitor selection should take account of all the capacitor parameters, to ensure that the
specification is met within the application. The capacitance can vary with DC bias conditions as well as
temperature and frequency of operation. Capacitor values will also show some decrease over time due to aging.
The capacitor parameters are also dependant on the particular case size, with smaller sizes giving poorer
performance figures in general. As an example, the graph below shows a comparison of different capacitor case
sizes in a Capacitance vs. DC Bias plot. As shown in the graph, increasing the DC Bias condition can result in
the capacitance value falling below the minimum recommended value. It is therefore recommended that the
capacitor manufacturers’ specifications for the nominal value capacitor are consulted for all conditions, as some
capacitor sizes (e.g. 0402) may not be suitable in the actual application.
Figure 10. Graph Showing a Typical Variation In Capacitance vs. DC Bias
The ceramic capacitor’s capacitance can vary with temperature. The capacitor type X7R, which operates over a
temperature range of -55°C to +125°C, will only vary the capacitance to within ±15%. The capacitor type X5R
has a similar tolerance over a reduced temperature range of -55°C to +85°C. Many large value ceramic
capacitors, larger than 1µF are manufactured with Z5U or Y5V temperature characteristics. Their capacitance
can drop by more than 50% as the temperature varies from 25°C to 85°C. Therefore X7R is recommended over
Z5U and Y5V in applications where the ambient temperature will change significantly above or below 25°C.
Tantalum capacitors are less desirable than ceramic for use as output capacitors because they are more
expensive when comparing equivalent capacitance and voltage ratings in the 1µF to 4.7µF range.
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to -40°C, so some guard band must be allowed. For the output
capacitor of the DC-DC converter, please note that the output voltage ripple is dependent on the ESR of the
output capacitor.
Table 2. Suggested Capacitors and their Suppliers
Capacitance / µF
Model
Voltage Rating
Vendor
Type
Case Size / Inch (mm)
10.0
C1608X5R0J106K
6.3V
TDK
Ceramic, X5R
0603 (1608)
4.7
C1608X5R1A475K
10V
TDK
Ceramic, X5R
0603 (1608)
2.2
C1608X5R1A225K
10V
TDK
Ceramic, X5R
0603 (1608)
1.0
C1005X5R1A105K
10V
TDK
Ceramic, X5R
0402 (1005)
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM3687


Similar Part No. - LM3687

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3687TL-1812 NSC-LM3687TL-1812 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687TL-1812/NOPB TI1-LM3687TL-1812/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3687TL-1813 NSC-LM3687TL-1813 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
More results

Similar Description - LM3687

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com