Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3687 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3687
Description  Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3687 Datasheet(HTML) 2 Page - Texas Instruments

  LM3687 Datasheet HTML 1Page - Texas Instruments LM3687 Datasheet HTML 2Page - Texas Instruments LM3687 Datasheet HTML 3Page - Texas Instruments LM3687 Datasheet HTML 4Page - Texas Instruments LM3687 Datasheet HTML 5Page - Texas Instruments LM3687 Datasheet HTML 6Page - Texas Instruments LM3687 Datasheet HTML 7Page - Texas Instruments LM3687 Datasheet HTML 8Page - Texas Instruments LM3687 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
VBATT
SW
PGND
FB_DCDC
VIN_LIN
VOUT_LIN
SGND
EN_DCDC
Load
DC-DC
0..750 mA
Load
LIN
0..350 mA
2.7...5.5V
1.8V
1.5V
2.2 PF
Li-Ion
or
3 cell
NiMH/
NiCd
EN_LIN
LM3687
B2
C3
A2
C1
C2
B1
A1
B3
A3
4.7 PF
10 PF
2.2 PH
LM3687
SNVS473A – DECEMBER 2007 – REVISED JULY 2008
www.ti.com
Two enable pins allow the separate operation of either the DC-DC or the Linear Regulator alone or both. If the
power input voltage for the Linear Regulator VIN_LIN is not sufficiently high (e.g. the DC-DC converter is not
enabled or starting up) a startup LDO supplies the Linear Regulator Output from VBATT for 50mA rated load
current (Startup Mode). If VIN_LIN is at the required voltage level, the startup LDO is deactivated and the main
regulator provides 350mA output current. In shutdown mode (Enable pins pulled low) the device turns off and
reduces battery consumption to 0.1µA (typ.).
The LM3687 is available in a tiny, lead-free (NO PB) 9-bump micro SMD package. A high switching frequency of
1.8MHz (typ.) allows the use of tiny surface-mount components. Only four external components -one inductor
and three ceramic capacitors- are required.
Typical Application Circuit
Figure 1. Typical Application Circuit: Linear Regulator as Post Regulator
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Links: LM3687


Similar Part No. - LM3687

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687 TI1-LM3687 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3687TL-1812 NSC-LM3687TL-1812 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Texas Instruments
LM3687TL-1812/NOPB TI1-LM3687TL-1812/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3687TL-1813 NSC-LM3687TL-1813 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
More results

Similar Description - LM3687

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3687 NSC-LM3687 Datasheet
624Kb / 22P
   Step-Down DC-DC Converter with Integrated Low Dropout Regulator and Startup Mode
logo
Maxim Integrated Produc...
MAX17497A MAXIM-MAX17497A Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 0; 11/11
MAX17497A MAXIM-MAX17497A_12 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak-Current-Mode Converters with Integrated Step-Down Regulator
Rev 1; 1/12
MAX17497A MAXIM-MAX17497A_13 Datasheet
3Mb / 30P
   AC-DC and DC-DC Peak Current-Mode Converters with Integrated Step-Down Regulator
Rev 3; 4/13
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
TPS54540-Q1 TI1-TPS54540-Q1_15 Datasheet
2Mb / 44P
[Old version datasheet]   Step-Down DC-DC Converter With Eco-mode
LM3686 TI1-LM3686_14 Datasheet
2Mb / 28P
[Old version datasheet]   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
   Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
   Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com