Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP5522 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP5522
Description  Programmable LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5522 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5522 Datasheet HTML 7Page - Texas Instruments LP5522 Datasheet HTML 8Page - Texas Instruments LP5522 Datasheet HTML 9Page - Texas Instruments LP5522 Datasheet HTML 10Page - Texas Instruments LP5522 Datasheet HTML 11Page - Texas Instruments LP5522 Datasheet HTML 12Page - Texas Instruments LP5522 Datasheet HTML 13Page - Texas Instruments LP5522 Datasheet HTML 14Page - Texas Instruments LP5522 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
tENTER + tBLANK
CTRL
LED
To Standby
T_TIMEOUT_L
Run once command
To Standby
tENTER + tBLANK
CTRL
LED
To Standby
T_TIMEOUT_H T_TIMEOUT_L
Run command
LP5522
www.ti.com
SNVS488 – JUNE 2007
LED OFF time counter can saturate also if Training end command is not given or no new ON time has been
started. In this case saturated OFF time is recorded and chip goes to Standby.
Recommended External Components
INPUT CAPACITOR, CIN
Although not required for normal operation, a capacitor can be added to VIN to reduce line noise. A surface-
mount multi-layer ceramic capacitor (MLCC) is recommended. MLCCs with a X7R or X5R temperature
characteristic are preferred.
CURRENT SET RESISTOR, RISET
If other than 5 mA current is required, RISET resistor can be used to adjust the current. For 20 mA current 24 kΩ
resistor is required. Accuracy of the resistor directly effects to the accuracy of the LED current. 1% or better is
recommended.
LED
Forward voltage of LED must be less than minimum input voltage minus minimum headroom voltage (VHR). For
example with 2.7V input voltage and 20 mA LED current the maximum LED forward voltage is 2.7V - 100 mV =
2.6V.
List of Recommended External Components
Symbol
Symbol Explanation
Value
Unit
Type
CIN
VDD Bypass Capacitor
100
nF
Ceramic, X7R or X5R
RISET
Current Set Resistor for 20 mA LED Current
24
k
1%
LED
User defined
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5522


Similar Part No. - LP5522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
LP5522TM NSC-LP5522TM Datasheet
255Kb / 14P
   Programmable LED Driver
LP5522TMX NSC-LP5522TMX Datasheet
255Kb / 14P
   Programmable LED Driver
More results

Similar Description - LP5522

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
Shanghai awinic technol...
AW9120 AWINIC-AW9120 Datasheet
1Mb / 33P
   20 Programmable LED Driver
logo
Texas Instruments
LP5523 TI1-LP5523 Datasheet
600Kb / 47P
[Old version datasheet]   Programmable 9-Output LED Driver
logo
National Semiconductor ...
LP5521 NSC-LP5521 Datasheet
323Kb / 14P
   Programmable Three Channel LED Driver
logo
ON Semiconductor
CAT4003B ONSEMI-CAT4003B_12 Datasheet
178Kb / 12P
   Constant Current Programmable LED Driver
January, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612_08 Datasheet
296Kb / 14P
   Programmable 300mA Camera Flash LED Driver
logo
LinkCom Manufacturing C...
INT050U142X1NS LINKCOM-INT050U142X1NS Datasheet
848Kb / 6P
   50W Programmable Tunable White LED Driver
logo
Catalyst Semiconductor
CAT3612 CATALYST-CAT3612 Datasheet
450Kb / 13P
   Programmable 300mA Camera Flash LED Driver
logo
Texas Instruments
LP55231 TI-LP55231 Datasheet
785Kb / 53P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
LP55231 TI1-LP55231_16 Datasheet
1Mb / 57P
[Old version datasheet]   LP55231 Programmable 9-Output LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com