Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5941B Datasheet(PDF) 2 Page - Micro Commercial Components

Part # SMBJ5941B
Description  1.5 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5941B Datasheet(HTML) 2 Page - Micro Commercial Components

  SMBJ5941B Datasheet HTML 1Page - Micro Commercial Components SMBJ5941B Datasheet HTML 2Page - Micro Commercial Components SMBJ5941B Datasheet HTML 3Page - Micro Commercial Components SMBJ5941B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMBJ5913B THRU SMBJ5942B
* TOLERANCE AND VOLTAGE DESIGNATION Tolerance designation - The type numbers listed indicate a
tolerance of
+/-5%
RATING AND CHARACTERISTICS CURVES
2.5
2
1.5
1
0.5
0
20
40
60
80
100 120 140
150 180
TL, LEAD TEMPERATURE (
C )
8
6
4
2
0
-2
-4
3
4
6
8
10
12
VZ@IZT
VZ, ZENER VOLTAGE (VOLTS)
Fig. 1-STEADY STATE POWER DERATING
Fig. 2-ZENER VOLTAGE-TO 12 VOLTS
MCC
TM
Micro Commercial Components
www.mccsemi.com
2 of 4
ZENER
VOLTAGE
VZ (*)
TEST
CURRENT
IZT
MAXIMUM
DYNAMIC
IMPEDANCE
ZZT @ IZT
KNEE
CURRENT
IZK
KNEE
IMPEDANCE
ZZK
MAXIMUM
REVERSE
CURRENT
IR
REVERSE
VOLTAGE
VR
MCC
PART
NUMBER
VOLTS
mA
OHMS
mA
OHMS
µA
VOLTS
DEVICE
MARKING
SMBJ5913B
3.3
113.6
10.0
1.0
500
50.0
1.0
913B
SMBJ5914B
3.6
104.2
9.0
1.0
500
35.5
1.0
914B
SMBJ5915B
3.9
96.1
7.5
1.0
500
12.5
1.0
915B
SMBJ5916B
4.3
87.2
6.0
1.0
500
2.5
1.0
916B
SMBJ5917B
4.7
79.8
5.0
1.0
500
2.5
1.5
917B
SMBJ5918B
5.1
73.5
4.0
1.0
350
2.5
2.0
918B
SMBJ5919B
5.6
66.9
2.0
1.0
250
2.5
3.0
919B
SMBJ5920B
6.2
60.5
2.0
1.0
200
2.5
4.0
920B
SMBJ5921B
6.8
55.1
2.5
1.0
200
2.5
5.2
921B
SMBJ5922B
7.5
50.0
3.0
0.5
400
2.5
6.0
922B
SMBJ5923B
8.2
45.7
3.5
0.5
400
2.5
6.5
923B
SMBJ5924B
9.1
41.2
4.0
0.5
500
2.5
7.0
924B
SMBJ5925B
10
37.5
4.5
0.25
500
0.5
8.0
925B
SMBJ5926B
11
34.1
5.5
0.25
550
0.5
8.4
926B
SMBJ5927B
12
31.2
6.5
0.25
550
0.5
9.1
927B
SMBJ5928B
13
28.8
7.0
0.25
550
0.5
9.9
928B
SMBJ5929B
15
25.0
9.0
0.25
600
0.5
11.4
929B
SMBJ5930B
16
23.4
10.0
0.25
600
0.5
12.2
930B
SMBJ5931B
18
20.8
12.0
0.25
650
0.5
13.7
931B
SMBJ5932B
20
18.7
14.0
0.25
650
0.5
15.2
932B
SMBJ5933B
22
17.0
17.5
0.25
650
0.5
16.7
933B
SMBJ5934B
24
15.6
19.0
0.25
700
0.5
18.2
934B
SMBJ5935B
27
13.9
23.0
0.25
700
0.5
20.6
935B
SMBJ5936B
30
12.5
28.0
0.25
750
0.5
22.8
936B
SMBJ5937B
33
11.4
33.0
0.25
800
0.5
25.1
937B
SMBJ5938B
36
10.4
38.0
0.25
850
0.5
27.4
938B
SMBJ5939B
39
9.6
45.0
0.25
900
0.5
29.7
939B
SMBJ5940B
43
8.7
53.0
0.25
950
0.5
32.7
940B
SMBJ5941B
47
8.0
67.0
0.25
1000
1.0
35.8
941B
SMBJ5942B
51
7.3
70.0
0.25
1100
1.0
38.8
942B
ELECTRICAL CHARACTERISTICS(TL=30 centigrade unless otherwise noted) (VF=1.5Volts Max @IF=200mAdc for all types.
Revision: A
2011/01/01


Similar Part No. - SMBJ5941B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5941B JGD-SMBJ5941B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Shenzhen Luguang Electr...
SMBJ5941B LUGUANG-SMBJ5941B Datasheet
156Kb / 2P
   Zener Diodes
logo
Galaxy Semi-Conductor H...
SMBJ5941B BILIN-SMBJ5941B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Micro Commercial Compon...
SMBJ5941B MCC-SMBJ5941B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5941BHE3 MCC-SMBJ5941BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - SMBJ5941B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5913B MCC-SMBJ5913B Datasheet
293Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBG5913 MICROSEMI-SMBG5913 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com