Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD3SS213 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS213 Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS213 Datasheet HTML 1Page - Texas Instruments HD3SS213 Datasheet HTML 2Page - Texas Instruments HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HD3SS213
SLAS901A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
www.ti.com
PIN DESCRIPTIONS
PIN
I/O
DESCRIPTION(1)
ZQE
NAME
A1
Dx_SEL
Control I
High Speed Port Selection Control Pins
C2
AUX_SEL
Control I
AUX/DDC Selection Control Pin in Conjunction with Dx_SEL Pin
B4
DA0(p)
Port A, Channel 0, High Speed Positive Signal
I/O
A4
DA0(n)
Port A, Channel 0, High Speed Negative Signal
B5
DA1(p)
Port A, Channel 1, High Speed Positive Signal
I/O
A5
DA1(n)
Port A, Channel 1, High Speed Negative Signal
B6
DA2(p)
Port A, Channel 2, High Speed Positive Signal
I/O
A6
DA2(n)
Port A, Channel 2, High Speed Negative Signal
A8
DA3(p)
Port A, Channel 3, High Speed Positive Signal
I/O
A9
DA3(n)
Port A, Channel 3, High Speed Negative Signal
B8
DB0(p)
Port B, Channel 0, High Speed Positive Signal
I/O
B9
DB0(n)
Port B, Channel 0, High Speed Negative Signal
D8
DB1(p)
Port B, Channel 1, High Speed Positive Signal
I/O
D9
DB1(n)
Port B, Channel 1, High Speed Negative Signal
E8
DB2(p)
Port B, Channel 2, High Speed Positive Signal
I/O
E9
DB2(n)
Port B, Channel 2, High Speed Negative Signal
F8
DB3(p)
Port B, Channel 3, High Speed Positive Signal
I/O
F9
DB3(n)
Port B, Channel 3, High Speed Negative Signal
B2
DC0(p)
Port C, Channel 0, High Speed Positive Signal
I/O
B1
DC0(n)
Port C, Channel 0, High Speed Negative Signal
D2
DC1(p)
Port C, Channel 1, High Speed Positive Signal
I/O
D1
DC1(n)
Port C, Channel 1, High Speed Negative Signal
E2
DC2(p)
Port C, Channel 2, High Speed Positive Signal
I/O
E1
DC2(n)
Port C, Channel 2, High Speed Negative Signal
F2
DC3(p)
Port C, Channel 3, High Speed Positive Signal
I/O
F1
DC3(n)
Port C, Channel 3, High Speed Negative Signal
H9
AUXA(p)
Port A AUX Positive Signal
I/O
J9
AUXA(n)
Port A AUX Negative Signal
H6
AUXB(p)
Port B AUX Positive Signal
I/O
J6
AUXB(n)
Port B AUX Negative Signal
H2
AUXC(p)
Port C AUX Positive Signal
I/O
H1
AUXC(n)
Port C AUX Negative Signal
H8
DDCCLK_A
Port A DDC Clock Signal
I/O
J8
DDCDAT_A
Port A DDC Data Signal
H5
DDCCLK_B
Port B DDC Clock Signal
I/O
J5
DDCDAT_B
Port B DDC Data Signal
J3
DDCCLK_C
Port C DDC Clock Signal
I/O
J7
DDCDAT_C
Port C DDC Data Signal
J2
HPDA
I/O
Port A Hot Plug Detect
H3
HPDB
I/O
Port B Hot Plug Detect
J1
HPDC
I/O
Port C Hot Plug Detect
NA
CADA/B/C
I/O
Port A/B/C Cable Activity Detect
Output Enable:
B7
OE
I
OE = VIH: Normal Operation
OE = VIL: Standby Mode
J4
VDD
Supply
3.3V Positive power supply voltage
B3, C8, G2,
GND
Supply
Ground
G8 H4, H7
(1)
The high speed data ports incorporate 20k
Ω pull down resistors that are switched in when a port is not selected and switched out when
the port is selected.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: HD3SS213


Similar Part No. - HD3SS213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213IZQET TI1-HD3SS213IZQET Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI-HD3SS213ZQER Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS213ZXHR TI-HD3SS213ZXHR Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
More results

Similar Description - HD3SS213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
[Old version datasheet]   5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS212 TI1-HD3SS212 Datasheet
262Kb / 12P
[Old version datasheet]   5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS212 TI-HD3SS212_V01 Datasheet
1Mb / 26P
[Old version datasheet]   HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
HD3SS213 TI-HD3SS213 Datasheet
2Mb / 29P
[Old version datasheet]   HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
[Old version datasheet]   6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
[Old version datasheet]   8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
[Old version datasheet]   HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
[Old version datasheet]   HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com