Electronic Components Datasheet Search |
|
UWFC5250P5225 Datasheet(PDF) 2 Page - OPLINK Communications Inc. |
|
UWFC5250P5225 Datasheet(HTML) 2 Page - OPLINK Communications Inc. |
2 / 2 page S0173 - R04.20120702 Ultra Hi-Rel Undersea Component Family Single Window Single Mode Wideband Fiber Coupler (1x2, 2x2) Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules UWFC Series Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM design team or account manager for your requirements and ordering information (510) 933-7200. UWFC Ordering Information 0 0 Package & Fiber Type Type Grade Wavelength P1 + 250 μm bare fiber = 11 P2 + 900 μm loose tube = 22 P3 + 3 mm cable = 33 1x2 = 1 2x2 = 2 Premium Grade = P A Grade = A 1310 nm = 3 C band = 5 L band = 6 Tap Ratio Fiber Length** 50/50 = 50 3/97 = 03 2/98 = 02 1/99 = 01 0.5 meter = H 1.0 meter = 1 * 1.5 meters = 5 2.0 meters = 2 Connector Type None = 1 FC/PC = 2 FC/SPC = 3 FC/APC = 4 SC/PC = 5 SC/SPC = 6 SC/APC = 7 ST = 8 LC/UPC = 9 MU = A LC/APC = B Notes : * 1 meter is standard. The lead time for special fiber length will be longer. ** The tolerance of fiber length is +/-0.1m. |
Similar Part No. - UWFC5250P5225 |
|
Similar Description - UWFC5250P5225 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |