Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5931B Datasheet(PDF) 3 Page - Micro Commercial Components

Part # SMBJ5931B
Description  1.5 Watt Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SMBJ5931B Datasheet(HTML) 3 Page - Micro Commercial Components

  SMBJ5931B Datasheet HTML 1Page - Micro Commercial Components SMBJ5931B Datasheet HTML 2Page - Micro Commercial Components SMBJ5931B Datasheet HTML 3Page - Micro Commercial Components SMBJ5931B Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATING AND CHARACTERISTICS CURVES
SMBJ59
13B THRU SMBJ5942B
200
100
70
50
30
20
10
10
20
30
50
70
100
200
VZ@IZT
VZ, ZENER VOLTAGE (VOLTS)
1K
500
200
100
50
20
10
5
2
1
0.5
1
2
5
10
20
50
100 200
500
VZ = 150V
91V
62V
22V
12V
6.8V
TJ - 25C
IZ(ms) = 0.1 IZ(dc)
IZ, ZENER TEST CURRENT (mA)
Fig. 3-ZENER VOLTAGE-10 TO 200 VOLTS
Fig. 4-EFFECT OF ZENER CURRENT
200
100
70
50
30
20
10
7
5
3
2
5
7
10
20
30
50
70
100
IZ (dc) =1mA
10mA
20mA
IZ (ms) = 0.1 IZ (dc)
VZ, ZENER VOLTAGE (VOLTS)
1K
500
300
200
100
50
30
20
10
.1
.2 .3
5
1
2 3 5
10
20
50
100
RECTANGULAR NONREPETITIVE
WAVEFORM TJ = 25 C PRIOR TO
INITIAL PULSE
PW, PULSE WIDTH(ms)
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0 10 20 30 40 50 60 70 80 90 100
VZ, ZENER VOLTAGE (VOLTS)
Fig.
7-VZ = 12 THRU 40 VOLTS
MCC
TM
Micro Commercial Components
www.mccsemi.com
3 of 4
Revision: A
2011/01/01


Similar Part No. - SMBJ5931B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ5931B JGD-SMBJ5931B Datasheet
184Kb / 2P
   1.5W SILICON SURFACE MOUNT ZENER DIODES
logo
Shenzhen Luguang Electr...
SMBJ5931B LUGUANG-SMBJ5931B Datasheet
156Kb / 2P
   Zener Diodes
logo
Galaxy Semi-Conductor H...
SMBJ5931B BILIN-SMBJ5931B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Micro Commercial Compon...
SMBJ5931B MCC-SMBJ5931B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5931BHE3 MCC-SMBJ5931BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results

Similar Description - SMBJ5931B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5913B MCC-SMBJ5913B Datasheet
293Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBG5913 MICROSEMI-SMBG5913 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMA5926 TSC-1SMA5926_11 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
logo
Compensated Deuices Inc...
1N6485US CDI-DIODE-1N6485US Datasheet
107Kb / 2P
   1.5 WATT ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com