Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD3XGHL2E00047G Datasheet(PDF) 9 Page - OPLINK Communications Inc.

Part # TXD3XGHL2E00047G
Description  Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGHL2E00047G Datasheet(HTML) 9 Page - OPLINK Communications Inc.

  TXD3XGHL2E00047G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGHL2E00047G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
TXD3XGHL2xx
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Com-
munications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringe-
ments of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2014, Oplink Communications, Inc.
S0321. Rev.04. (web) 2014-03-21
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
Latch
Color
TXD3XGHL2I00055G
- 40°C to +85°C
Industrial
1533.47
195.5
55
80km
White
TXD3XGHL2I00054G
- 40°C to +85°C
Industrial
1534.25
195.4
54
80km
White
TXD3XGHL2I00053G
- 40°C to +85°C
Industrial
1535.04
195.3
53
80km
White
TXD3XGHL2I00052G
- 40°C to +85°C
Industrial
1535.82
195.2
52
80km
White
TXD3XGHL2I00051G
- 40°C to +85°C
Industrial
1536.61
195.1
51
80km
White
TXD3XGHL2I00050G
- 40°C to +85°C
Industrial
1537.40
195.0
50
80km
White
TXD3XGHL2I00049G
- 40°C to +85°C
Industrial
1538.19
194.9
49
80km
White
TXD3XGHL2I00048G
- 40°C to +85°C
Industrial
1538.98
194.8
48
80km
White
TXD3XGHL2I00047G
- 40°C to +85°C
Industrial
1539.77
194.7
47
80km
White
TXD3XGHL2I00046G
- 40°C to +85°C
Industrial
1540.56
194.6
46
80km
White
TXD3XGHL2I00045G
- 40°C to +85°C
Industrial
1541.35
194.5
45
80km
White
TXD3XGHL2I00044G
- 40°C to +85°C
Industrial
1542.14
194.4
44
80km
White
TXD3XGHL2I00043G
- 40°C to +85°C
Industrial
1542.94
194.3
43
80km
White
TXD3XGHL2I00042G
- 40°C to +85°C
Industrial
1543.73
194.2
42
80km
White
TXD3XGHL2I00041G
- 40°C to +85°C
Industrial
1544.53
194.1
41
80km
White
TXD3XGHL2I00040G
- 40°C to +85°C
Industrial
1545.32
194.0
40
80km
White
TXD3XGHL2I00039G
- 40°C to +85°C
Industrial
1546.12
193.9
39
80km
White
TXD3XGHL2I00038G
- 40°C to +85°C
Industrial
1546.92
193.8
38
80km
White
TXD3XGHL2I00037G
- 40°C to +85°C
Industrial
1547.72
193.7
37
80km
White
TXD3XGHL2I00036G
- 40°C to +85°C
Industrial
1548.51
193.6
36
80km
White
TXD3XGHL2I00035G
- 40°C to +85°C
Industrial
1549.32
193.5
35
80km
White
TXD3XGHL2I00034G
- 40°C to +85°C
Industrial
1550.12
193.4
34
80km
White
TXD3XGHL2I00033G
- 40°C to +85°C
Industrial
1550.92
193.3
33
80km
White
TXD3XGHL2I00032G
- 40°C to +85°C
Industrial
1551.72
193.2
32
80km
White
TXD3XGHL2I00031G
- 40°C to +85°C
Industrial
1552.52
193.1
31
80km
White
TXD3XGHL2I00030G
- 40°C to +85°C
Industrial
1553.33
193.0
30
80km
White
TXD3XGHL2I00029G
- 40°C to +85°C
Industrial
1554.13
192.9
29
80km
White
TXD3XGHL2I00028G
- 40°C to +85°C
Industrial
1554.94
192.8
28
80km
White
TXD3XGHL2I00027G
- 40°C to +85°C
Industrial
1555.75
192.7
27
80km
White
TXD3XGHL2I00026G
- 40°C to +85°C
Industrial
1556.55
192.6
26
80km
White
TXD3XGHL2I00025G
- 40°C to +85°C
Industrial
1557.36
192.5
25
80km
White
TXD3XGHL2I00024G
- 40°C to +85°C
Industrial
1558.17
192.4
24
80km
White
TXD3XGHL2I00023G
- 40°C to +85°C
Industrial
1558.98
192.3
23
80km
White
TXD3XGHL2I00022G
- 40°C to +85°C
Industrial
1559.79
192.2
22
80km
White
TXD3XGHL2I00021G
- 40°C to +85°C
Industrial
1560.61
192.1
21
80km
White
TXD3XGHL2I00020G
- 40°C to +85°C
Industrial
1561.42
192.0
20
80km
White
TXD3XGHL2I00019G
- 40°C to +85°C
Industrial
1562.23
191.9
19
80km
White
TXD3XGHL2I00018G
- 40°C to +85°C
Industrial
1563.05
191.8
18
80km
White
TXD3XGHL2I00017G
- 40°C to +85°C
Industrial
1563.86
191.7
17
80km
White


Similar Part No. - TXD3XGHL2E00047G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGGI2C00017G OPLINK-TXD3XGGI2C00017G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00018G OPLINK-TXD3XGGI2C00018G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00019G OPLINK-TXD3XGGI2C00019G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00020G OPLINK-TXD3XGGI2C00020G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00021G OPLINK-TXD3XGGI2C00021G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
More results

Similar Description - TXD3XGHL2E00047G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com