Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXD3XGHL2E00057G Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TXD3XGHL2E00057G
Description  Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXD3XGHL2E00057G Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TXD3XGHL2E00057G Datasheet HTML 1Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 2Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 3Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 4Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 5Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 6Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 7Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 8Page - OPLINK Communications Inc. TXD3XGHL2E00057G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Oplink Communications, Inc
3
TXD3XGHL2xx
S0321. Rev.04. (web) 2014-03-21
XFP Transceiver Electrical Pad Layout
Host Board Connector Pad Layout
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bottom of XFP Board
(as viewed thru top of board)
Top of XFP Board
GND
RX_LOS
Mod_NR
Mod_Abs
SDA
SCL
VCC3
VCC3
GND
VCC5
TX_Dis
Interrupt
Mod_DeSel
VEE5
GND
GND
TD+
TD-
GND
GND
RefCLK-
RefCLK+
GND
VCC2
TP_Down/RS
VCC2
GND
RD+
RD-
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
GND
Interrupt
Vcc3
SDA
Mod_Abs
GND
GND
TX_Dis
RX_LOS
Mod_NR
SCL
Vcc3
Vcc5
Mod_DeSel
VEE5
GND
Vcc2
GND
RefCLK+
GND
P_Down/RST
RD-
GND
TD-
GND
RefCLK-
TD+
RD+
Vcc2
GND
Toward
Bezel
Toward
ASIC
Electrical Power Supply Characteristics (Over Operating Case Temperature Range)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CC3
3.13
3.3
3.47
V
V
CC5
4.75
5.0
5.25
Supply Current
I
CC3
-
-
750
mA
I
CC5
-
-
500
Power Dissipation
PW
-
-
3.5
W
P_Down Power Dissipation
PDW
-
-
1.5
W
Electrical Interface (Over Operating Case Temperature Range)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Differential Impedance
Z
d
-
100
-
Ω
Differential Input Voltage Swing
V
pp, diff_in
120
-
820
mV
Differential Output Voltage Swing
V
pp, diff_out
340
550
850
mV
Output Rise/Fall Time (20 to 80%)
T
r /Tf
24
-
-
ps
TX_Dis, P_Down/RST
V
IL
- 0.3
-
0.8
V
V
IH
2.0
-
V
CC + 0.3
XFP Interrupt, Mod_NR, RX_LOS
V
OL
0
-
0.4
V
V
OH
host_V
CC - 0.5
-
host_V
CC + 0.3


Similar Part No. - TXD3XGHL2E00057G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXD3XGGI2C00017G OPLINK-TXD3XGGI2C00017G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00018G OPLINK-TXD3XGGI2C00018G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00019G OPLINK-TXD3XGGI2C00019G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00020G OPLINK-TXD3XGGI2C00020G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
TXD3XGGI2C00021G OPLINK-TXD3XGGI2C00021G Datasheet
921Kb / 9P
   Transceiver with Digital Diagnostics
More results

Similar Description - TXD3XGHL2E00057G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
logo
Source Photonics, Inc.
XPD-MR-08-15CDA SOURCE-XPD-MR-08-15CDA Datasheet
652Kb / 6P
   10 Gbps 80km DWDM Multirate XFP Transceiver
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTLX3811M317 FINISAR-FTLX3811M317 Datasheet
295Kb / 14P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3811F3 FINISAR-FTLX3811F3 Datasheet
225Kb / 13P
   RoHS-6 Compliant 10Gb/s DWDM 80km Multi-Rate XFP Optical Transceiver
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3871DCCXX FINISAR-FTLX3871DCCXX Datasheet
738Kb / 13P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
FTLX3871MCCXX FINISAR-FTLX3871MCCXX Datasheet
744Kb / 14P
   10Gb/s DWDM 80km Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com