Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB40568 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part No. MB40568
Description  A/D Converter (1-channel, 8-bit low-power model with built-in clamp circuit)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40568 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB40568 Datasheet HTML 1Page - Fujitsu Component Limited. MB40568 Datasheet HTML 2Page - Fujitsu Component Limited. MB40568 Datasheet HTML 3Page - Fujitsu Component Limited. MB40568 Datasheet HTML 4Page - Fujitsu Component Limited. MB40568 Datasheet HTML 5Page - Fujitsu Component Limited. MB40568 Datasheet HTML 6Page - Fujitsu Component Limited. MB40568 Datasheet HTML 7Page - Fujitsu Component Limited. MB40568 Datasheet HTML 8Page - Fujitsu Component Limited. MB40568 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
MB40568
s PIN ASSIGNMENTS
s PIN DESCRIPTIONS
(Continued)
Pin no.
Symbol
Function
DIP
SOP
1, 11
1, 11
D.GND
Ground pin
Should be connected to the analog system ground.
2 to 9
2 to 9
D8 to D1
Digital signal output pin
10
10
CLK
Clock input pin
12, 22
12, 24
A.GND
Ground pin
Should be connected to the analog system ground.
13, 21
13, 23
VCCD
Power supply voltage input pin
Also functions as VCCA power supply, and should be in the same
voltage level as VCCA pin.
14, 20
14, 22
VCCA
Power supply voltage input pin
Also functions as VCCD power supply, and should be in the same
voltage level as VCCD pin.
15
15
VINC
Clamp circuit input pin
The clamp circuit is a diode-clamp type sync chip clamp circuit.
Should be shorted to ground if the clamp circuit is not used.
16
16
VOUTC
Clamp circuit output pin
A capacitor of at least 1
µF should be connected between this pin
and the VCLMP pin.
Should be left open if the clamp circuit is not used.
D.GND
D8 (LSB)
D7
D6
D5
D4
D3
D2
D1 (MSB)
CLK
D.GND
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
A.GND
VCCD
VCCA
VRB
VINA
VCLMP
VOUTC
VINC
VCCA
VCCD
A.GND
(Top view)
(DIP-22P-M04)
(FPT-24P-M02)
D.GND
D8 (LSB)
D7
D6
D5
D4
D3
D2
D1 (MSB)
CLK
D.GND
A.GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A.GND
VCCD
VCCA
VRB
VREF
VRM
VINA
VCLMP
VOUTC
VINC
VCCA
VCCD
(Top view)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn