Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB40568 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part No. MB40568
Description  A/D Converter (1-channel, 8-bit low-power model with built-in clamp circuit)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB40568 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB40568 Datasheet HTML 1Page - Fujitsu Component Limited. MB40568 Datasheet HTML 2Page - Fujitsu Component Limited. MB40568 Datasheet HTML 3Page - Fujitsu Component Limited. MB40568 Datasheet HTML 4Page - Fujitsu Component Limited. MB40568 Datasheet HTML 5Page - Fujitsu Component Limited. MB40568 Datasheet HTML 6Page - Fujitsu Component Limited. MB40568 Datasheet HTML 7Page - Fujitsu Component Limited. MB40568 Datasheet HTML 8Page - Fujitsu Component Limited. MB40568 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DS04-28203-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
Image Processing
BIPOLAR
A/D Converter
(1-channel, 8-bit low-power model with built-in clamp circuit)
MB40568
s DESCRIPTION
The MB40568 is an all-parallel (flash type) A/D converter for 8-bit video applications, and uses high-speed bipolar
process technology for low-power consumption and high-speed conversion.
This A/D converter is capable of converting analog signals into digital signals at a rate of DC to 20 MSPS
(megasamples per second). Additional circuitry including a clamp circuit and reference voltage generator circuits
are build in, to make the MB40568 ideally suited for video signal processing.
s FEATURES
• Resolution: 8 bits
• Linearity error: ±0.15 % typ.
• Maximum conversion rate: 20 MSPS min.
• Analog input voltage: 0 to 3 V in 2 VP-P (clamp circuit)
3 to 5 V (without clamp circuit)
• Digital input/output level: TTL Levels
• Power supply voltage: +5 V single power supply
• Power dissipation: 200 mW typ.
s PACKAGES
22-pin Plastic SK-DIP
(DIP-22P-M04)
24-pin Plastic SOP
(FPT-24P-M02)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn