Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4838DY-T1 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI4838DY-T1
Description  N-Channel 12-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4838DY-T1 Datasheet(HTML) 5 Page - Vishay Siliconix

  SI4838DY-T1 Datasheet HTML 1Page - Vishay Siliconix SI4838DY-T1 Datasheet HTML 2Page - Vishay Siliconix SI4838DY-T1 Datasheet HTML 3Page - Vishay Siliconix SI4838DY-T1 Datasheet HTML 4Page - Vishay Siliconix SI4838DY-T1 Datasheet HTML 5Page - Vishay Siliconix SI4838DY-T1 Datasheet HTML 6Page - Vishay Siliconix SI4838DY-T1 Datasheet HTML 7Page - Vishay Siliconix SI4838DY-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vishay Siliconix
Package Information
Document Number: 71192
11-Sep-06
www.vishay.com
1
DIM
MILLIMETERS
INCHES
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.20
0.004
0.008
B
0.35
0.51
0.014
0.020
C
0.19
0.25
0.0075
0.010
D
4.80
5.00
0.189
0.196
E
3.80
4.00
0.150
0.157
e
1.27 BSC
0.050 BSC
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.50
0.93
0.020
0.037
q
0°8°0°8°
S
0.44
0.64
0.018
0.026
ECN: C-06527-Rev. I, 11-Sep-06
DWG: 5498
4
3
1
2
5
6
8
7
H
E
h x 45
C
All Leads
q
0.101 mm
0.004"
L
BA1
A
e
D
0.25 mm (Gage Plane)
SOIC (NARROW): 8-LEAD
JEDEC Part Number: MS-012
S


Similar Part No. - SI4838DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4838DY VISHAY-SI4838DY Datasheet
44Kb / 4P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 14-Apr-03
SI4838DY VISHAY-SI4838DY Datasheet
160Kb / 7P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
SI4838DY VISHAY-SI4838DY_V01 Datasheet
160Kb / 7P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4838DY-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7104DN VISHAY-SI7104DN Datasheet
542Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 17-Mar-08
SI7858BDP VISHAY-SI7858BDP Datasheet
515Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
SIR492DP VISHAY-SIR492DP Datasheet
482Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Sep-08
SI7102DN VISHAY-SI7102DN Datasheet
581Kb / 14P
   N-Channel 12-V (D-S) MOSFET
Rev. B, 22-Dec-08
logo
Vishay Telefunken
SIS452DN TFUNK-SIS452DN Datasheet
568Kb / 13P
   N-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI4838BDY VISHAY-SI4838BDY_V01 Datasheet
919Kb / 9P
   N-Channel 12 V (D-S) MOSFET
01-Jan-2022
SI7104DN VISHAY-SI7104DN_V01 Datasheet
541Kb / 14P
   N-Channel 12-V (D-S) MOSFET
01-Jan-2022
logo
Vishay Telefunken
SIB404DK TFUNK-SIB404DK Datasheet
195Kb / 9P
   N-Channel 12 V (D-S) MOSFET
logo
Vishay Siliconix
SIUD412ED VISHAY-SIUD412ED Datasheet
185Kb / 7P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 08-Aug-16
SI7858ADP VISHAY-SI7858ADP Datasheet
318Kb / 12P
   N-Channel 12-V (D-S) MOSFET
Rev. C, 03-Mar-08
SI7858BDP VISHAY-SI7858BDP_17 Datasheet
349Kb / 13P
   N-Channel 12 V (D-S) MOSFET
Rev. A, 03-May-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com