Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG1524B Datasheet(PDF) 4 Page - Microsemi Corporation

Part # SG1524B
Description  REGULATING PULSE WIDTH MODULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SG1524B Datasheet(HTML) 4 Page - Microsemi Corporation

  SG1524B Datasheet HTML 1Page - Microsemi Corporation SG1524B Datasheet HTML 2Page - Microsemi Corporation SG1524B Datasheet HTML 3Page - Microsemi Corporation SG1524B Datasheet HTML 4Page - Microsemi Corporation SG1524B Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Rev 1.3a
Copyright
 2000
11861 Western Avenue
∞ Garden Grove, CA 92841
4
(714) 898-8121
∞ FAX: (714) 893-2570
SG1524B/SG2524B/SG3524B
TYPICAL CHARACTERISTIC CURVES
Figure 2
SG1524B Dead Time vs. Timing capacitance (R
T=2.7k)
V
IN=20V, TA=25°C
Figure 3
SG1524B Error Amp Voltage Gain vs. Freq over R
F
V
IN=20V, TA=25°C
100
1000
10000
100000
1000000
1000
10000
100000
1000000
R
T (Ohm)
1uF
0.1uF
10nF
3nF
1nF
Figure 1
Oscillator Frequency vs. Timing Resistor and Capacitor
V
IN=20V, TA=25°C
0
1
2
3
4
5
0
10
203040
50
607080
90
100
CT (nF)
0
10
20
30
40
50
60
100
1000
10000
100000
1000000
FREQUENCY (Hz)
R
F=1M
R
F=300K
R
F=100K


Similar Part No. - SG1524B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1524B MICROSEMI-SG1524B Datasheet
64Kb / 5P
   REGULATING PULSE WIDTH MODULATOR
SG1524B MICROSEMI-SG1524B Datasheet
172Kb / 5P
   REGULATING PULSE WIDTH MODULATOR
SG1524BJ MICROSEMI-SG1524BJ Datasheet
64Kb / 5P
   REGULATING PULSE WIDTH MODULATOR
SG1524BJ MICROSEMI-SG1524BJ Datasheet
172Kb / 5P
   REGULATING PULSE WIDTH MODULATOR
SG1524BJ/883B MICROSEMI-SG1524BJ/883B Datasheet
64Kb / 5P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG1524B

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
545Kb / 10P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com