Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPV3GKERC00070G Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRPV3GKERC00070G
Description  TXC3XGHI2C00010G
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPV3GKERC00070G Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRPV3GKERC00070G Datasheet HTML 1Page - OPLINK Communications Inc. TRPV3GKERC00070G Datasheet HTML 2Page - OPLINK Communications Inc. TRPV3GKERC00070G Datasheet HTML 3Page - OPLINK Communications Inc. TRPV3GKERC00070G Datasheet HTML 4Page - OPLINK Communications Inc. TRPV3GKERC00070G Datasheet HTML 5Page - OPLINK Communications Inc. TRPV3GKERC00070G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TRPV3GKERx000xxG
Oplink Communications, Inc
S0313. Rev.01. (web) 2012-05-11
4
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety:
All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They
must be operated under specified operating
conditions.
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX Disable
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
VeeTX
VccTX
VccRX
VeeRX
RD+ (RX DATA OUT+)
RD- (RX DATA OUT-)
VeeRX
Top of Board
1
2
3
4
5
6
7
8
9
10
VeeTX
TX Fault
NO CONNECTION
VeeTX
I2C CLK
I2C DATA
VeeRX
RX LOS
NO CONNECTION
NO CONNECTION
Bottom of Board
(as viewed thru top of board)
Application Notes
Electrical Interface: Signal interfaces are compatible with
the SFP MSA specification. The high speed DATA interface
is differential AC-coupled internally and can be directly
connected to a 3.3V SERDES IC. All low speed control and sense
output signals are open collector TTL compatible and should
be pulled up with a 4.7 - 10kΩ resistor on the host board.
Loss of Signal (LOS): The Loss of Signal circuit monitors the
level of the incoming optical signal and generates logic HIGH
when an insufficient photocurrent is produced.
Serial Identification and Monitoring: The module definition
of SFP is indicated by the MOD_ABS pin and the 2-wrie serial
interface. Upon power up, the 2-wrie interface appears as NC
(no connection), and MOD_ABS is TTL LOW. When the host
system detects this condition, it activates the serial protocol
(standard two-wire I2C serial interface) and generates the
serial clock signal (SCL). The positive edge clocks data into the
EEPROM segments of the device that are not write protected,
and the negative edge clocks data from the device. The serial
data signal (SDA) is for serial data transfer. The host uses SDA
in conjunction with SCL to mark the start and end of serial
protocol activation. The supported monitoring functions
are temperature, voltage, average receiver signal, all alarms
and warnings, and software monitoring of LOS. The device is
internally calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP MSA,
and SFF-8472, Rev. 9.4.
Power Supply and Grounding: The power supply line should
be well-filtered. All power supply bypass capacitors should be
as close to the transceiver module as possible.


Similar Part No. - TRPV3GKERC00070G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GKERC00070G OPLINK-TRPV3GKERC00070G Datasheet
284Kb / 6P
   CWDM Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com