Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPV3GKERC00050G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPV3GKERC00050G
Description  TXC3XGHI2C00010G
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPV3GKERC00050G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPV3GKERC00050G Datasheet HTML 1Page - OPLINK Communications Inc. TRPV3GKERC00050G Datasheet HTML 2Page - OPLINK Communications Inc. TRPV3GKERC00050G Datasheet HTML 3Page - OPLINK Communications Inc. TRPV3GKERC00050G Datasheet HTML 4Page - OPLINK Communications Inc. TRPV3GKERC00050G Datasheet HTML 5Page - OPLINK Communications Inc. TRPV3GKERC00050G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
An Oplink Company
S0313. Rev.01. (web) 2012-05-11
Absolute Maximum Ratings
The TRPV3GKERx000xxG is an optical transceiver module designed to
transmit and receive electrical and optical serial digital signals as defined
in SMPTE 297-2006. The TRPV3GKERx000xxG is specifically designed for
robust performance in the presence of SDI pathological patterns for SMPTE
259M, SMPTE 344M, SMPTE 292M and SMPTE 424M serial rates.
The transmitter uses CWDM DFB lasers with wavelength options ranging
from 1271nm to 1611nm to provide error-free transmission of signals from
50Mbps to 3Gbps over single mode fiber.
Diagnostics monitoring functionality (alarm and warning features) are
integrated into the design via an I2C serial interface per the Multi-Source
Agreement (MSA) SFF-8472, Rev. 9.4.
Configured for video pin-outs, these multi-rate transceivers connect to
standard 20-pad SFP connectors for hot plug capability. This allows the
system designer to make configuration changes or maintenance by simply
plugging in different types of transceivers without removing the power
supply from the host system.
All modules satisfy Class I Laser Safety requirements in accordance with the
U.S. FDA/CDRH and international IEC-60825 standards.
CWDM (1271 to 1611nm) transmitter with a PIN
ROSA in one SFP transceiver package
Standard video pin-out
Robust error-free transmission of signals from
50Mbps to 3Gbps for up to 50km (single-mode
fiber)
Excellent optical receive sensitivity with video
pathological patterns for SD-SDI, HD-SDI and
3G-SDI
Digital diagnostics and control via I²C interface
Low power consumption
RoHS compliant
SMPTE 297-2006 compatible
Features
Pb
Product Description
TRPV3GKERx000xxG
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature Range
T
ST
- 40
+ 85
°C
Case Operating Temperature 1
“Commercial”
T
OP
- 5
+ 70
°C
“Extended”
- 5
+ 85
°C
Operating Relative Humidity 2
RH
5
95
%
Supply Voltage Range
V
CC
- 0.5
+ 4
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
2
Non condensing
CWDM Optical Transceiver


Similar Part No. - TRPV3GKERC00050G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GKERC00050G OPLINK-TRPV3GKERC00050G Datasheet
284Kb / 6P
   CWDM Optical Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com