Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPEG1KVXE000L0G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPEG1KVXE000L0G
Description  Very Long Haul Multi-rate Gigabit Ethernet
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KVXE000L0G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPEG1KVXE000L0G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KVXE000L0G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KVXE000L0G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KVXE000L0G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KVXE000L0G Datasheet HTML 5Page - OPLINK Communications Inc. TRPEG1KVXE000L0G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TRPEG1KVX-G MR CWDM
Oplink Communications, Inc
S0144, Rev.04. (web) 2013-05-16
Oplink Communications, Inc.
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be oper-
ated under specified operating conditions.
Transmitter Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics (Over Operating Case Temperature, V
CC = 3.13 to 3.47V)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Average Optical Output Power 1
P
O
0
-
+ 5.0
dBm
Center Wavelength
λ
C
See Ordering Information table
nm
Wavelength Deviation
Δλ
C
λ
C - 6.5
λ
C
λ
C + 6.5
nm
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Extinction Ratio
P
hi /Plo
9
-
-
dB
Deterministic Jitter
DJ
-
-
80
ps
Total Jitter
TJ
-
-
227
ps
Relative Intensity Noise
RIN
-
-
- 120
dB/Hz
Dispersion Penalty 2
-
-
-
2.0
dB
Transmitter Output Eye
Compliant with Eye Mask Defined in IEEE 802.3z Standard
1
Measured average power coupled into single mode fiber.
2
Specified at 2600ps/nm dispersion, which corresponds to the approximate worst-case dispersion for 120km G.652 fiber over the wavelength range of
1264.5 to 1617.5nm.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate
B
125
-
1250
Mb/s
Receiver Sensitivity (10-12 BER) 1
P
min
- 32.0
- 35.0
-
dBm
Maximum Input Optical Power (10-12 BER) 1
P
max
- 10.0
-
-
dBm
LOS Thresholds
Increasing Light Input
P
los+
-
-
- 32.0
dBm
Decreasing Light Input
P
los-
- 45.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
-
-
100
LOS Hysteresis
-
0.5
-
-
dB
Deterministic Jitter
DJ
-
-
170
ps
Total Jitter
TJ
-
-
266
ps
Wavelength of Operation
λ
1100
-
1620
nm
Optical Return Loss
ORL
12
-
-
dB
Electrical 3dB Upper Cutoff Frequency
-
-
-
1500
MHz
1
When measured with 27-1 PRBS at 125Mb/s, 1062.5Mb/s and 1250Mb/s.


Similar Part No. - TRPEG1KVXE000L0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXE000E1 OPLINK-TRPEG1KVXE000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
TRPEG1KVXE000E1G OPLINK-TRPEG1KVXE000E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPEG1KVXE000L0G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
DTR1250SMGBH8HSCWDMMR OPLINK-DTR1250SMGBH8HSCWDMMR Datasheet
114Kb / 5P
   Multi-rate 5V Very Long Haul CWDM GBIC Transceivers
TRPAG1VXI OPLINK-TRPAG1VXI Datasheet
457Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRXAG1VXIBMS OPLINK-TRXAG1VXIBMS Datasheet
129Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
logo
Bothhand USA, LP.
GP5609RZ-LF BOTHHAND-GP5609RZ-LF Datasheet
350Kb / 2P
   Designed for long haul gigabit Ethernet 1000 BASE-T, full
logo
OPLINK Communications I...
DTR1250SMGBHS OPLINK-DTR1250SMGBHS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
DTR-1250-SM-GB-HS OPLINK-DTR-1250-SM-GB-HS Datasheet
110Kb / 5P
   5V Very Long Haul GBIC Transceivers
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com