Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXC3XGJL2C00080G Datasheet(PDF) 7 Page - OPLINK Communications Inc.

Part # TXC3XGJL2C00080G
Description  Transceivers with Digital Diagnostics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXC3XGJL2C00080G Datasheet(HTML) 7 Page - OPLINK Communications Inc.

  TXC3XGJL2C00080G Datasheet HTML 1Page - OPLINK Communications Inc. TXC3XGJL2C00080G Datasheet HTML 2Page - OPLINK Communications Inc. TXC3XGJL2C00080G Datasheet HTML 3Page - OPLINK Communications Inc. TXC3XGJL2C00080G Datasheet HTML 4Page - OPLINK Communications Inc. TXC3XGJL2C00080G Datasheet HTML 5Page - OPLINK Communications Inc. TXC3XGJL2C00080G Datasheet HTML 6Page - OPLINK Communications Inc. TXC3XGJL2C00080G Datasheet HTML 7Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2014, Oplink Communications, Inc.
S0359. Rev.03 (web) 2014-02-17
7
TXC3XGJL2x
Ordering Information
Oplink Part Number
Operating Temperature
Center Wavelength
Distance
Latch Color
TXC3XGJL2C00010G
- 5°C to +70°C
Commercial
1471nm
70km
White
TXC3XGJL2C00020G
- 5°C to +70°C
Commercial
1491nm
70km
White
TXC3XGJL2C00030G
- 5°C to +70°C
Commercial
1511nm
70km
White
TXC3XGJL2C00040G
- 5°C to +70°C
Commercial
1531nm
70km
White
TXC3XGJL2C00050G
- 5°C to +70°C
Commercial
1551nm
70km
White
TXC3XGJL2C00060G
- 5°C to +70°C
Commercial
1571nm
70km
White
TXC3XGJL2C00070G
- 5°C to +70°C
Commercial
1591nm
70km
White
TXC3XGJL2C00080G
- 5°C to +70°C
Commercial
1611nm
70km
White
TXC3XGJL2E00010G
- 5°C to +85°C
Extended
1471nm
70km
White
TXC3XGJL2E00020G
- 5°C to +85°C
Extended
1491nm
70km
White
TXC3XGJL2E00030G
- 5°C to +85°C
Extended
1511nm
70km
White
TXC3XGJL2E00040G
- 5°C to +85°C
Extended
1531nm
70km
White
TXC3XGJL2E00050G
- 5°C to +85°C
Extended
1551nm
70km
White
TXC3XGJL2E00060G
- 5°C to +85°C
Extended
1571nm
70km
White
TXC3XGJL2E00070G
- 5°C to +85°C
Extended
1591nm
70km
White
TXC3XGJL2E00080G
- 5°C to +85°C
Extended
1611nm
70km
White
TXC3XGJL2I00010G
- 40°C to +85°C
Industrial
1471nm
70km
White
TXC3XGJL2I00020G
- 40°C to +85°C
Industrial
1491nm
70km
White
TXC3XGJL2I00030G
- 40°C to +85°C
Industrial
1511nm
70km
White
TXC3XGJL2I00040G
- 40°C to +85°C
Industrial
1531nm
70km
White
TXC3XGJL2I00050G
- 40°C to +85°C
Industrial
1551nm
70km
White
TXC3XGJL2I00060G
- 40°C to +85°C
Industrial
1571nm
70km
White
TXC3XGJL2I00070G
- 40°C to +85°C
Industrial
1591nm
70km
White
TXC3XGJL2I00080G
- 40°C to +85°C
Industrial
1611nm
70km
White


Similar Part No. - TXC3XGJL2C00080G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXC3XGHI2C00010G OPLINK-TXC3XGHI2C00010G Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGHI2C00020G OPLINK-TXC3XGHI2C00020G Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGHI2C00030G OPLINK-TXC3XGHI2C00030G Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGHI2C00040G OPLINK-TXC3XGHI2C00040G Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TXC3XGHI2C00050G OPLINK-TXC3XGHI2C00050G Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
More results

Similar Description - TXC3XGJL2C00080G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com