Electronic Components Datasheet Search |
|
TRPE03KL2C00070G Datasheet(PDF) 3 Page - OPLINK Communications Inc. |
|
TRPE03KL2C00070G Datasheet(HTML) 3 Page - OPLINK Communications Inc. |
3 / 5 page Oplink Communications, Inc 3 S0210. Rev02. (web) 2012.06.22 TRPE03-G CWDM Electrical Pad Layout Host Board Connector Pad Layout Transmitter Performance Characteristics Toward Bezel Toward ASIC 20 19 18 17 16 15 14 13 12 11 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 TX GND TD- (TX DATA IN-) TD+ (TX DATA IN+) TX GND VccTX VccRX RX GND RD+ (RX DATA OUT+) RD- (RX DATA OUT-) RX GND Top of Board 1 2 3 4 5 6 7 8 9 10 TX GND TX Fault TX Disable MOD_DEF(2) MOD_DEF(1) MOD_DEF(0) NO CONNECTION LOS RX GND RX GND Bottom of Board (as viewed thru top of board) (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Receiver Electrical Interface Electrical Power Supply Characteristics (Over Operating Case Temperature. V CC = 3.13 to 3.47V) (Over Operating Case Temperature. V CC = 3.13 to 3.47V) Module Definition Parameter Symbol Minimum Typical Maximum Units Input Voltage Swing (TD+ & TD-) 1 V PP-DIF 0.25 - 2.4 V Input HIGH Voltage (TX Disable) 2 V IH 2.0 - V CC V Input LOW Voltage (TX Disable) 2 V IL 0 - 0.8 V Output HIGH Voltage (TX Fault) 3 V OH 2.0 - V CC + 0.3 V Output LOW Voltage (TX Fault) 3 V OL 0 - 0.8 V 1 Differential peak-to-peak voltage. 2 There is an internal 4.7 to 10kΩ pull-up resistor to VccT. 3 Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage). Parameter Symbol Minimum Typical Maximum Units Power Supply Voltage V CC 3.13 3.3 3.47 V Supply Current I CC - 235 285 mA Parameter Symbol Minimum Typical Maximum Units Output Voltage Swing (RD+ & RD-) 1 V PP-DIF 0.6 - 2.0 V Output HIGH Voltage (LOS) 2 V OH 2.0 - V CC + 0.3 V Output LOW Voltage (LOS) 2 V OL 0 - 0.5 V 1 Differential peak-to-peak voltage across external 100Ω load. 2 Open collector compatible, 4.7 to 10kΩ pull-up resistor to Vcc (Host Supply Voltage). MOD_DEF(0) pin 6 MOD_DEF(1) pin 5 MOD_DEF(2) pin 4 Interpretation by Host TTL LOW SCL SDA Serial module definition protocol |
Similar Part No. - TRPE03KL2C00070G |
|
Similar Description - TRPE03KL2C00070G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |