Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRD148JL2E00056G Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRD148JL2E00056G
Description  DWDM Transceivers with Digital Diagnostics
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRD148JL2E00056G Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRD148JL2E00056G Datasheet HTML 1Page - OPLINK Communications Inc. TRD148JL2E00056G Datasheet HTML 2Page - OPLINK Communications Inc. TRD148JL2E00056G Datasheet HTML 3Page - OPLINK Communications Inc. TRD148JL2E00056G Datasheet HTML 4Page - OPLINK Communications Inc. TRD148JL2E00056G Datasheet HTML 5Page - OPLINK Communications Inc. TRD148JL2E00056G Datasheet HTML 6Page - OPLINK Communications Inc. TRD148JL2E00056G Datasheet HTML 7Page - OPLINK Communications Inc. TRD148JL2E00056G Datasheet HTML 8Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Package Outline
Ordering Information (80km)
Oplink Communications, Inc
5
S0219. Rev04. (web) 2012.06.18
TRD148xL2/E2/X2-G
Model Name
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
Commercial Temp.
-5°C to +70°C
Extended Temp.
-5°C to +85°C
Industrial Temp.
-40°C to +85°C
TRD148JL2C00061G
TRD148JL2E00061G
TRD148JL2I00061G
1528.77
196.1
61
80km
TRD148JL2C00060G
TRD148JL2E00060G
TRD148JL2I00060G
1529.55
196.0
60
80km
TRD148JL2C00059G
TRD148JL2E00059G
TRD148JL2I00059G
1530.33
195.9
59
80km
TRD148JL2C00058G
TRD148JL2E00058G
TRD148JL2I00058G
1531.12
195.8
58
80km
TRD148JL2C00057G
TRD148JL2E00057G
TRD148JL2I00057G
1531.90
195.7
57
80km
TRD148JL2C00056G
TRD148JL2E00056G
TRD148JL2I00056G
1532.68
195.6
56
80km
TRD148JL2C00055G
TRD148JL2E00055G
TRD148JL2I00055G
1533.47
195.5
55
80km
TRD148JL2C00054G
TRD148JL2E00054G
TRD148JL2I00054G
1534.25
195.4
54
80km
TRD148JL2C00053G
TRD148JL2E00053G
TRD148JL2I00053G
1535.04
195.3
53
80km
TRD148JL2C00052G
TRD148JL2E00052G
TRD148JL2I00052G
1535.82
195.2
52
80km
TRD148JL2C00051G
TRD148JL2E00051G
TRD148JL2I00051G
1536.61
195.1
51
80km
TRD148JL2C00050G
TRD148JL2E00050G
TRD148JL2I00050G
1537.40
195.0
50
80km
TRD148JL2C00049G
TRD148JL2E00049G
TRD148JL2I00049G
1538.19
194.9
49
80km
TRD148JL2C00048G
TRD148JL2E00048G
TRD148JL2I00048G
1538.98
194.8
48
80km
TRD148JL2C00047G
TRD148JL2E00047G
TRD148JL2I00047G
1539.77
194.7
47
80km
TRD148JL2C00046G
TRD148JL2E00046G
TRD148JL2I00046G
1540.56
194.6
46
80km
TRD148JL2C00045G
TRD148JL2E00045G
TRD148JL2I00045G
1541.35
194.5
45
80km
TRD148JL2C00044G
TRD148JL2E00044G
TRD148JL2I00044G
1542.14
194.4
44
80km
13.70
.539
15.25
.601
56.50 REF
2.224
47.60REF
1.874
2
.080
1.62
.064
8.50
.335
8.6MAX
.339
9.53
.375
FRONT EDGE OF
TRANSCEIVER CAGE
41.8 0.15
1.646 .006
45 0.2
1.772.008
6.25 REF
.246
13.7 0.1
.539 .004
Dimensions in mm [inches]
Default tolerances:
X.XX 0.1 [.004]
X.X 0.25 [.01]


Similar Part No. - TRD148JL2E00056G

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
TRD10-103 RCD-TRD10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-104 RCD-TRD10-104 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-105 RCD-TRD10-105 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-106 RCD-TRD10-106 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
TRD10-107 RCD-TRD10-107 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
More results

Similar Description - TRD148JL2E00056G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com