Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPV3GET2C000E2G Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # TRPV3GET2C000E2G
Description  1310nm Dual Channel Optical Transmitter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPV3GET2C000E2G Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  TRPV3GET2C000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPV3GET2C000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPV3GET2C000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPV3GET2C000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPV3GET2C000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Oplink Communications, Inc
TRPV3GET2C000E2G
S0241. Rev.01. (web) 2012-04-25
3
Timing Specifications
Electrical Pad Layout
Host Board Connector Pad Layout
Toward
Bezel
Toward
ASIC
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TX1 Disable
TD- (TX DATA IN-)
TD+ (TX DATA IN+)
TX GND
VccTX1
VccTX2
TX GND
NO CONNECTION
NO CONNECTION
TX GND
Top of Board
1
2
3
4
5
6
7
8
9
10
TX GND
NO CONNECTION
NO CONNECTION
TX GND
I2C CLK
I2C DATA
TX GND
TD+ (TX2 DATA IN+)
TD- (TX2 DATA IN-)
TX2 Disable
Bottom of Board
(as viewed thru top of board)
Application Notes
Electrical Interface: Signal interfaces are compatible with
the SFP MSA specification. The high speed DATA interface
is differential AC-coupled internally and can be directly
connected to a 3.3V SERDES IC. All low speed control and sense
output signals are open collector TTL compatible and should
be pulled up with a 4.7 - 10kΩ resistor on the host board.
TX_Fault: The output indicates LOW when the transmitter
is operating normally and HIGH with a laser fault including
laser end-of-life.TX Fault is an open collector/drain output and
should be pulled up with a 4.7 - 10kΩ resistor on the host board.
TX_Disable: When the TX Disable pin is at logic HIGH,
the transmitter optical output is disabled. The laser is also
disabled if this line is left floating, as it is pulled high inside
the transceiver.
Serial Identification and Monitoring: The module definition
of SFP is indicated by the MOD_ABS pin and the 2-wrie serial
interface. Upon power up, the 2-wrie interface appears as NC
(no connection), and MOD_ABS is TTL LOW. When the host
system detects this condition, it activates the serial protocol
(standard two-wire I2C serial interface) and generates the
serial clock signal (SCL). The positive edge clocks data into the
EEPROM segments of the device that are not write protected,
and the negative edge clocks data from the device. The serial
data signal (SDA) is for serial data transfer. The host uses SDA
in conjunction with SCL to mark the start and end of serial
protocol activation. The supported monitoring functions
are temperature, voltage, bias current, transmitter power, all
alarms and warnings, and software monitoring ofTX Fault.The
device is internally calibrated.
The data transfer protocol and the details of the mandatory
and vendor specific data structures are defined in the SFP MSA,
and SFF-8472, Rev. 9.4.
Power Supply and Grounding: The power supply line should
be well-filtered. All power supply bypass capacitors should be
as close to the transceiver module as possible.
Parameter
Symbol
Minimum
Typical
Maximum
Units
Time to Initialize (from power on)
t_init
-
-
300
ms
Tx_Disable Assert Time
t_off
-
-
10
µs
Tx_Disable Negate Time
t_on
-
-
1
ms
I2C Clock Rate
-
-
-
400
kHz


Similar Part No. - TRPV3GET2C000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPV3GET1C000E2G OPLINK-TRPV3GET1C000E2G Datasheet
551Kb / 5P
   1310nm Single Channel Optical Transmitter
More results

Similar Description - TRPV3GET2C000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
S0241-TRPV3GET2C000E2G OPLINK-S0241-TRPV3GET2C000E2G Datasheet
296Kb / 5P
   1310nm Dual Channel Optical Transmitter
S0186-TRPV3GET1C000E2G OPLINK-S0186-TRPV3GET1C000E2G Datasheet
551Kb / 5P
   1310nm Single Channel Optical Transmitter
logo
Source Photonics, Inc.
C-13-1315T-01 SOURCE-C-13-1315T-01 Datasheet
488Kb / 3P
   1310nm Laser Diode Transmitter
C-13-1315T-08 SOURCE-C-13-1315T-08 Datasheet
260Kb / 4P
   1310nm Laser Diode Transmitter
logo
Fuji Electric
EDS5-87 FUJI-EDS5-87 Datasheet
132Kb / 8P
   OPTICAL PRESSURE TRANSMITTER
EDS7-63 FUJI-EDS7-63 Datasheet
108Kb / 8P
   OPTICAL LEVEL TRANSMITTER
EDS2-17 FUJI-EDS2-17 Datasheet
116Kb / 8P
   OPTICAL TEMPERATURE TRANSMITTER
logo
Mitsubishi Electric Sem...
MF-10KSXA-007ZA MITSUBISHI-MF-10KSXA-007ZA Datasheet
188Kb / 15P
   10Gbps 1310nm XFP Optical Transceiver
logo
OPLINK Communications I...
TRPV3GELRX000M2G OPLINK-TRPV3GELRX000M2G Datasheet
311Kb / 6P
   1310nm Video SFP Optical Transceiver
S0189-TRPV3GELRX000E2G OPLINK-S0189-TRPV3GELRX000E2G Datasheet
303Kb / 5P
   Video 1310nm SFP Optical Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com