Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE48CS1I000E2G Datasheet(PDF) 4 Page - OPLINK Communications Inc.

Part # TRPE48CS1I000E2G
Description  Multi-rate OC-48/STM-16 SFP Transceivers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48CS1I000E2G Datasheet(HTML) 4 Page - OPLINK Communications Inc.

  TRPE48CS1I000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48CS1I000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48CS1I000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48CS1I000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48CS1I000E2G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Oplink Communications,
I
nc.
A pplication N otes
Electrical interface: All signal interfaces are compliant with
the SFP MSA speci cation. The high speed DATA interface
is di erential AC-coupled internally with 1 F and can be
directly connected to a 3.3V SERDES IC. All low speed control
and sense output signals are open collector TTL compatible
and should be pulled up with a 4.7 - 10k resistor on the
host board
Loss of Signal (LOS): The Loss of Signal circuit monitors
the level of the incoming optical signal and generates a logic
HIGH when an insu cient photocurrent is produced.
TX_Fault: The output indicates LOW when the transmitter
is operating normally, and HIGH with a laser fault including
laser end-of-life. TX Fault is an open collector/drain output
and should be pulled up with a 4.7 - 10k resistor on the
host board. TX Fault is non-latching (automatically deasserts
when fault goes away).
TX_Disable: W hen the TX Disable pin is at logic HIGH, the
transmitter optical output is disabled (less than -45dBm).
Serial Identification and Monitoring: The module
de nition of SFP is indicated by the three module de nition
pins, MOD_DEF(0), MOD_DEF(1) and MOD_DEF(2).
Upon power up, MOD_DEF(1:2) appear as NC (no connection),
and MOD_DEF(0) is TTL LOW . W hen the host system detects
this condition, it activates the serial protocol (standard
two-wire I2C serial interface) and generates the serial clock
signal (SCL). The positive edge clocks data into the EEPROM
segments of the SFP that are not write protected, and the
negative edge clocks data from the SFP.
The serial data signal (SDA) is for serial data transfer. The
host uses SDA in conjunction with SCL to mark the startand
end of serial protocol activation. The supported monitoring
functions are internal temperature, supply voltage, bias
current, transmitter power, average receiver signal, all alarms
and warnings and software monitoring of TX Fault/LOS. The
device is internally calibrated.
The data transfer protocol and the details of the mandatory
and vendor speci c data structures are de ned in the SFP
MSA, and SFF-8472, Rev. 9.4.
Power supply and grounding: The power supply line should
be well- ltered. All 0.1 F power supply bypass capacitors
should be as close to the transceiver module as possible.
Example ofSFP host board schematic
LaserSafety:A lltransceivers are C lass ILaser
products perFD A /C D RH and IEC -60825 stan-
dards.They m ustbe operated underspeci!ed
operating conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
MANUFACTURED IN THE USA
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
18
19
3
TX DATA IN+
15
1 H coi
lorf
erri
t
ebead
m
(<0.
2
seri
esresi
st
ance)
W
0.
1
TX DATA IN-
TX Di
sabl
e
16
0.
1
+
10
50 l
i
ne
W
1,9,
10,
11,
14,
17,
20
0.
1
+
10
to 50 load
W
Vcc
3.
3V
RX DATA OUT+
13
12
RX DATA OUT-
5
4
6
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
LOS
to 50 load
W
8
R
2
TX Faul
t
R
R
R
Vcc
3.
3V
50 l
i
ne
W
50 l
i
ne
W
50 l
i
ne
W
R
TR PE 48-E 2 G Single Mode Multi-rate
4
TRPE48-E2G
R:4.7 to 10k CAP
Values in F
S0221, Rev.02
2011-03-24


Similar Part No. - TRPE48CS1I000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48CS1I000E2 OPLINK-TRPE48CS1I000E2 Datasheet
643Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPE48CS1I000E2 OPLINK-TRPE48CS1I000E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48CS1I000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRXA48M OPLINK-TRXA48M Datasheet
469Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPA48M OPLINK-TRPA48M Datasheet
610Kb / 6P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPE48CS1C000E2 OPLINK-TRPE48CS1C000E2 Datasheet
643Kb / 5P
   Multi-rate OC-48/STM-16 SFP Transceivers with Digital Diagnostics
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
TRPA48I2MCWDM OPLINK-TRPA48I2MCWDM Datasheet
496Kb / 5P
   Multi-rate OC-48/STM-16 IR-2/S-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPW48L2 OPLINK-TRPW48L2 Datasheet
451Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP DWDM Transceivers with Digital Diagnostics
TRPA48L2MCWDM OPLINK-TRPA48L2MCWDM Datasheet
481Kb / 5P
   Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
TRPE48KE2C000E2 OPLINK-TRPE48KE2C000E2 Datasheet
473Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPA48E2IXFM OPLINK-TRPA48E2IXFM Datasheet
497Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP Transceivers with Digital Diagnostics
TRPE12AS1C000E2 OPLINK-TRPE12AS1C000E2 Datasheet
453Kb / 5P
   Multi-rate OC-12/STM-4 SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com