Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPE03KE2C00060G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TRPE03KE2C00060G
Description  OC-3 CWDM Optical Supervisory Channel SFP Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE03KE2C00060G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TRPE03KE2C00060G Datasheet HTML 1Page - OPLINK Communications Inc. TRPE03KE2C00060G Datasheet HTML 2Page - OPLINK Communications Inc. TRPE03KE2C00060G Datasheet HTML 3Page - OPLINK Communications Inc. TRPE03KE2C00060G Datasheet HTML 4Page - OPLINK Communications Inc. TRPE03KE2C00060G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2011-07-14
S0191, Rev.02
2
TRPE03KE2C000x0G CWDM
Oplink Communications, Inc
Laser Safety
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Laser Safety: All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They must be operated
under specified operating conditions.
Transmitter Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
156
-
Mb/s
Average Optical Output Power (coupled into single
mode fiber), 50% duty cycle
P
O
+ 1.0
-
+ 5.0
dBm
Extinction Ratio
P
hi / Plo
10
-
-
dB
Center Wavelength
1471
λ
C
1464.5
1471
1477.5
nm
1491
1484.5
1491
1497.5
1511
1504.5
1511
1517.5
1531
1524.5
1531
1537.5
1551
1544.5
1551
1557.5
1571
1564.5
1571
1577.5
1591
1584.5
1591
1597.5
1611
1604.5
1611
1617.5
Spectral Width (-20dB)
Δλ20
-
-
1.0
nm
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Transmitter Output Eye
Compliant with Telcordia GR-253-CORE and ITU-T Recommendation G.957
1
Data rate ranges from 50Mb/s to 266Mb/s. However, some degradation may be incurred in overall performance.
Receiver Performance Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Units
Operating Data Rate 1
B
-
156
-
Mb/s
Receiver Sensitivity (10 -10 BER) 2
Pmin
- 43.0
-
-
dBm
Maximum Input Optical Power (10 -12 BER) 2
Pmax
- 7.0
-
-
dBm
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 43.0
dBm
Decreasing Light Input
Plos-
- 52.0
-
-
LOS Timing Delay
Increasing Light Input
t_loss_off
-
-
100
µs
Decreasing Light Input
t_loss_on
2.3
-
100
LOS Hysteresis
-
0.5
-
-
dB
Wavelength of Operation
λ
1100
-
1600
nm
Receiver Reflectance
-
-
-
- 25.0
dB
1
Data rate ranges from 50Mb/s to 266Mb/s. However, some degradation may be incurred in overall performance.
2
Measured with 223-1 PRBS at 156Mb/s.


Similar Part No. - TRPE03KE2C00060G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03KL2C00010G OPLINK-TRPE03KL2C00010G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03KL2C00020G OPLINK-TRPE03KL2C00020G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03KL2C00030G OPLINK-TRPE03KL2C00030G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03KL2C00040G OPLINK-TRPE03KL2C00040G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPE03KL2C00050G OPLINK-TRPE03KL2C00050G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPE03KE2C00060G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPA03E2ZBBS3 OPLINK-TRPA03E2ZBBS3 Datasheet
466Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
TRCE03KE2C000C3 OPLINK-TRCE03KE2C000C3 Datasheet
449Kb / 5P
   OC-3 1510nm Optical Supervisory Channel SFP Transceiver
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
   OC-3 SFP Transceiver
logo
MRV Communications, Inc...
SFP-OC3-CX MRV-SFP-OC3-CX Datasheet
65Kb / 3P
   Copper OC-3 SFP Transceiver
logo
Source Photonics, Inc.
SP-03-IR1-CDA SOURCE-SP-03-IR1-CDA Datasheet
600Kb / 7P
   OC-3 IR1 SFP Transceiver
SPC-48-IR-31CDA SOURCE-SPC-48-IR-31CDA Datasheet
515Kb / 7P
   CWDM 50 Km OC-48/STM-16 SFP Transceiver
logo
OPLINK Communications I...
S0313-TRPV3GKERX000XXG OPLINK-S0313-TRPV3GKERX000XXG Datasheet
284Kb / 6P
   CWDM Optical Transceiver
logo
Finisar Corporation.
FWLF1523P1X51 FINISAR-FWLF1523P1X51 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
FWLF1523P151 FINISAR-FWLF1523P151 Datasheet
651Kb / 10P
   125/155Mbps Optical Supervisory Channel RoHS Compliant Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-48-LR-31CDA SOURCE-SPC-48-LR-31CDA Datasheet
514Kb / 7P
   OC-48 LR/STM-16 L-16.2 CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com