Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRPEG1KVXC000E1G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRPEG1KVXC000E1G
Description  Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPEG1KVXC000E1G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRPEG1KVXC000E1G Datasheet HTML 1Page - OPLINK Communications Inc. TRPEG1KVXC000E1G Datasheet HTML 2Page - OPLINK Communications Inc. TRPEG1KVXC000E1G Datasheet HTML 3Page - OPLINK Communications Inc. TRPEG1KVXC000E1G Datasheet HTML 4Page - OPLINK Communications Inc. TRPEG1KVXC000E1G Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
An Oplink Company
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
st
- 40
+ 85
°C
Operating Case
Temperature1
Commercial
T
op
- 5
+ 70
°C
Extended
- 5
+ 85
Supply Voltage
V
cc
0
+ 5.0
V
Maximum Input Optical Power (30 seconds max.)
-
-
+ 3.0
dBm
Input Voltage
V
in
0
V
cc
V
1
Measured on top side of SFP module at the front center vent hole of the cage.
A bsolute Maximum R atings
Very Long Haul Gigabit Ethernet SFP
Transceivers with Digital Diagnostics
TRPEG1KVX-E1G
TheTRPEG 1KVX-E1G SFP fiber optic transceivers with integrated digital
diagnostics monitoring functionality offer a quickand reliable interface
for G igabit Ethernet applications. The diagnostic functions,alarm and
warning features as described in the Multi-Source Agreement (MSA)
document,SFF-8472 (Rev. 9.4),are provided via an I2C serial interface.
The transceivers use a high power 1550nm D FB laser and an ultra high
sensitivity Avalanche Photodiode (APD ) receiver to provide a minimum
optical link budget of 32dB,corresponding to a transmission distance
of around 120km of single mode fiber (assuming a total connector
and splice loss of 2dB,total system penalty of 3dB and fiber loss of
0.22dB/km). The transceivers satisfy Class I Laser Safety requirements
in accordance with the U.S. FD A/CD RH and international IEC-60825
standards.
The TRPEG 1KVX-E1G transceivers connect to standard 20-pad SFP
connectors for hot plug capability. This allows the system designer
to make configuration changes or maintenance by simply plugging
in different types of transceivers without removing the power supply
from the host system.
The transceivers have colored bail-type latches,which offer an easy
and convenient way to release the modules. The latch is compliant
with the SFP MSA.
The transmitter and receiver D ATA interfaces are AC coupled internally.
LV-TTL Transmitter D isable control input and Loss of Signal output
interfaces are also provided.
The transceivers operate from a single +3.3V power supply over an
operating case temperature range of -5°C to +70°C (Commercial) or
-5°C to +85°C (Extended). The housing is made of metal to enhance
EMI protection.
Pro d u c t D e s c rip tio n
þ
Compatible with SFP MSA
þ
Lead Free D esign & Fully RoH S Compliant
þ
D igital D iagnostics through Serial Interface
þ
Internal Calibration for D igital D iagnostics
þ
APD Receiver
þ
U p to 120km with Single Mode Fiber
þ
Loss of Signal Output & Tx D isable Input
þ
H ot-pluggable
þ
Eye Safe (Class I Laser Safety)
þ
D uplex LC Optical Interface
þ
Single +3.3V Power Supply
F e a tu re s
S0150,Rev.01
2009-07-20
Pb


Similar Part No. - TRPEG1KVXC000E1G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers with Digital Diagnostics
TRPEG1KVXC000E1 OPLINK-TRPEG1KVXC000E1 Datasheet
668Kb / 5P
   Very Long Haul Gigabit Ethernet SFP Transceivers
More results

Similar Description - TRPEG1KVXC000E1G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPE48KE2 OPLINK-TRPE48KE2 Datasheet
398Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com