Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB3892 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. MB3892
Description  Power Management IC for Mobile Phone
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3892 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB3892 Datasheet HTML 1Page - Fujitsu Component Limited. MB3892 Datasheet HTML 2Page - Fujitsu Component Limited. MB3892 Datasheet HTML 3Page - Fujitsu Component Limited. MB3892 Datasheet HTML 4Page - Fujitsu Component Limited. MB3892 Datasheet HTML 5Page - Fujitsu Component Limited. MB3892 Datasheet HTML 6Page - Fujitsu Component Limited. MB3892 Datasheet HTML 7Page - Fujitsu Component Limited. MB3892 Datasheet HTML 8Page - Fujitsu Component Limited. MB3892 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MB3892
4
(Continued)
Pin No.
Symbol
I/O
Descriptions
35
RFOUT4
O
RF REG4 output pin.
36
RFCTL4
I
RF REG4 output pin.
37
RFCTL3
I
RF REG3 control pin.
38
RFOUT3
O
RF REG3 output pin.
39
RFCTL2
I
RF REG2 control pin.
40
RFOUT2
O
RF REG2 output pin.
41
RFCTL1
I
RF REG1 control pin.
42
RFOUT1
O
RF REG1 output pin.
43
GND5
Ground pin.
44
CHGBAT
Main charge pin.
45
VB3
Power supply pin.
46
VBH
I
Main charge pin.
47
CHGI
O
Main charge pin.
48
BATT
O
A/D input pin.
49
CHGV
I
Main charge pin.
50
CHGOUT
O
Main charge pin.
51
CHGDET
O
Main charge pin.
52
EXTVCC
Power supply pin for charge control.
53
VA
I
Preliminary charge pin.
54
EXTS
O
Preliminary charge pin.
55
GND6
Ground pin.
56
3VDET
O
Power supply detector pin.
57
VBDET
I
Power supply detector pin.
58
VB4
Power supply pin.
59
IPOFF
I
Special power off input pin.
60
D/AOUT4
O
10 bit D/A output pin.
61
D/AOUT3
O
8 bit D/A3 output pin.
62
D/AOUT2
O
8 bit D/A2 output pin.
63
D/AOUT1
O
8 bit D/A1 output pin.
64
GND7
Ground pin.
65
D/AREF
I
D/A reference voltage input pin.
66
GND8
Ground pin.
67
VREGIN
I
Variable REG reference voltage input pin.
68
VREGOUT
O
Variable REG output pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn