Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3892 Datasheet(PDF) 36 Page - Fujitsu Component Limited.

Part # MB3892
Description  Power Management IC for Mobile Phone
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3892 Datasheet(HTML) 36 Page - Fujitsu Component Limited.

Back Button MB3892 Datasheet HTML 32Page - Fujitsu Component Limited. MB3892 Datasheet HTML 33Page - Fujitsu Component Limited. MB3892 Datasheet HTML 34Page - Fujitsu Component Limited. MB3892 Datasheet HTML 35Page - Fujitsu Component Limited. MB3892 Datasheet HTML 36Page - Fujitsu Component Limited. MB3892 Datasheet HTML 37Page - Fujitsu Component Limited. MB3892 Datasheet HTML 38Page - Fujitsu Component Limited. MB3892 Datasheet HTML 39Page - Fujitsu Component Limited. MB3892 Datasheet HTML 40Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
MB3892
36
s
s
s
s POWER-ON RESET TIMING DIAGRAM
s
s
s
s SETTING OF HOLD TIME FOR POWER-ON RESET
According to the time constant set by capacitor (CTP) connected to CTP terminal (pin 76), rise time (hold time)
of RESET terminal (pin 77) voltage can be set after OUT1 terminal (pin 75) voltage exceeds 2.75V (typ.).
(1) When the OUT1 terminal (pin 75) voltage exceeds detected rising voltage (2.75V typ.), the charge for
timing capacitor (CTP) for hold time for power-on reset starts .
(2) When the CTP terminal (pin 76) voltage exceeds 1.23V (typ.), the reset is canceled. (The RESET ter-
minal voltage becomes "H" level from "L" level.: rising time from 10% to 90% = tr)
(3) When OUT1 terminal voltage falls below detected rising voltage (2.685V typ.), the CTP terminal voltage
is down and the reset signal is output. (RESET terminal voltage becomes "L" level from "H" level.)
(4) When OUT1 terminal voltage exceeds rising voltage detect, charging of CTP is started.
(5) When CTP terminal voltage rises above threshold voltage, the reset is canceled.
(6) When OUT1 terminal voltage falls below the voltage detect, the reset signal is output.
OUT1
2.75 V
CTP
RESET
1.23 V
2.685 V
TPR
TPR
90 %
tr
10 %
90 %
tf
10 %
90 %
tr
10 %
90 %
tf
10 %
(1)
(2)
(3)
(4)
(5)
(6)
POR hold time : TPR (s) :=
(tr of RESET is not included)
1.23 (V)
× CTP (µF)
1.75 (
µA)


Similar Part No. - MB3892

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3891PFV FUJITSU-MB3891PFV Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFT FUJITSU-MB3893APFT Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3893APFV FUJITSU-MB3893APFV Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
More results

Similar Description - MB3892

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
   Power Management IC for Mobile Phone
MB3891 FUJITSU-MB3891 Datasheet
446Kb / 29P
   Power Management IC for GSM Mobile Phone
logo
Rohm
BH6955GU ROHM-BH6955GU Datasheet
385Kb / 6P
   Power management LSI for mobile phone
BD71801GWL ROHM-BD71801GWL Datasheet
2Mb / 79P
   Power Management LSI for Mobile Phone
BH6056GU ROHM-BH6056GU Datasheet
354Kb / 6P
   Power management LSI for mobile phone
BH6054GU ROHM-BH6054GU Datasheet
394Kb / 6P
   Power management LSI for mobile phone
logo
Global Mixed-mode Techn...
G5800 GMT-G5800 Datasheet
791Kb / 1P
   Mobile Phone Power Management System
logo
Rohm
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com