Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPP4XGFLRI000E2G Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # TPP4XGFLRI000E2G
Description  1310nm 10km SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP4XGFLRI000E2G Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  TPP4XGFLRI000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TPP4XGFLRI000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TPP4XGFLRI000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TPP4XGFLRI000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TPP4XGFLRI000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TPP4XGFLRI000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S0297. Rev.01. (web) 2012-04-05
2
TPP4XGFLRxG
Oplink Communications, Inc
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Receiver Performance Characteristics
(Over Operating Case Temperature. V
CC = 3.13 to 3.47V)
Transmitter Performance Characteristics
Laser Safety:
All transceivers are Class I Laser products per
FDA/CDRH and IEC-60825 standards. They
must be operated under specified operating
conditions.
Oplink Communications, Inc.
DATE OF MANUFACTURE:
This product complies with
21 CFR 1040.10 and 1040.11
Meets Class I Laser Safety Requirements
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
-
10.3125
-
Gb/s
Center Wavelength
λ
C
1260
1310
1355
nm
Spectral Width
Δλ20
-
-
1.0
nm
Average Optical Output Power 1
PAvg
- 8.2
-
+ 0.5
dBm
Optical Modulation Amplitude
POMA
- 5.2
-
-
dBm
Extinction Ratio
ER
3.5
-
-
dB
Relative Intensity Noise
RIN
-
-
- 128
dB/Hz
Side Mode Suppression Ratio
SMSR
30
-
-
dB
Optical Return Loss Tolerance
-
-
-
- 12
dB
Transmitter and Dispersion Penalty @ 10.3125Gb/s
TDP
-
-
3.2
dB
Average Launch Power of OFF transmitter
P OFF
-
-
- 30
dB
Optical Output Eye
Compliant with IEEE 802.3ae
1
Average power figures are informative only, per IEEE 802.3ae
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
-
10.3125
-
Gb/s
Wavelength of Operation
λ
1260
1310
1355
nm
Receiver Sensitivity
Pavg @ 10.3125Gb/s 1
P
min
-
-
- 14.4
dBm
OMA @ 10.3125Gb/s 1
-
-
- 12.6
dBm
Stressed Receiver Sensitivity in OMA
(@10.3125Gb/s) 2
-
-
-
- 10.3
dBm
Maximum Input Optical Power (10 -12 BER)
Pmax
+ 0.5
-
-
dBm
Receiver Reflectance
-
-
-
- 12
dB
LOS Hysteresis
-
0.5
1.5
-
dB
LOS Thresholds
Increasing Light Input
Plos+
-
-
- 11
dBm
Decreasing Light Input
Plos-
- 30
-
-
1
Specified with BER <1x10-12 and PRBS 2 31-1
2
Comply with IEEE 802.3ae
Note: The specified characteristics are met within the recommended range of operation. Unless otherwise noted typical data are quoted at nominal voltage and
+25°C ambient temperature.


Similar Part No. - TPP4XGFLRI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP4XGFLRI000E2G OPLINK-TPP4XGFLRI000E2G Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
More results

Similar Description - TPP4XGFLRI000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
S0297-TPP4XGFLRXG OPLINK-S0297-TPP4XGFLRXG Datasheet
361Kb / 6P
   1310nm 10km SFP Transceiver
logo
Pulse A Technitrol Comp...
SFPPT-LR1-01 PULSE-SFPPT-LR1-01 Datasheet
188Kb / 9P
   10Gb/s 1310nm SFP 10km Transceiver
logo
ATGBICS by Approved Tec...
RX-10KM-SFP-C ATGBICS-RX-10KM-SFP-C Datasheet
322Kb / 9P
   RX-10KM-SFP Juniper Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Molex Electronics Ltd.
1837042115 MOLEX-1837042115 Datasheet
1Mb / 6P
   1310nm 10km SFP Transceivers
2020-10-15
logo
OPLINK Communications I...
TPP5XGFLRC000E2A OPLINK-TPP5XGFLRC000E2A Datasheet
301Kb / 6P
   1310nm 10km SFP Transceivers
logo
ATGBICS by Approved Tec...
SFP-1310NM-1000BASE-LX-C ATGBICS-SFP-1310NM-1000BASE-LX-C Datasheet
323Kb / 9P
   SFP-1310nm-1000BASE-LX Huawei Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
logo
Level One
SFP-4210 LVL1-SFP-4210 Datasheet
104Kb / 1P
   1.25G SMF SFP Transceiver (10km, 1310nm, -40 to 85C)
logo
ATGBICS by Approved Tec...
SFP-6D-C ATGBICS-SFP-6D-C Datasheet
322Kb / 9P
   SFP-6D Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-1000LX-C ATGBICS-SFP-1000LX-C Datasheet
322Kb / 9P
   SFP-1000LX NetScout Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
SFP-6DH-C ATGBICS-SFP-6DH-C Datasheet
322Kb / 9P
   SFP-6DH Rad Compatible Transceiver SFP 1000Base-LX (1310nm, SMF, 10km)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com