Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP21C04L2C000XG Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # CP21C04L2C000XG
Description  100G-LR4 CFP2 Transceiver
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

CP21C04L2C000XG Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  CP21C04L2C000XG Datasheet HTML 1Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
S0371. Rev.03 (web). 2013-12-09
CONTACT 46335 Landing Pkwy Fremont CA 94538 TEL : +1 (510) 933-7200 FAX : +1 (510) 933-7300 EMAIL : Sales@Oplink.com www.OPLINK.com
Product Description
CP21C04L2C000xG
Pb
The CP21C04L2C000xG is a hot pluggable fiber optic transceiver in the CFP2
form factor with digital diagnostics monitoring functionality (DDM) and control
functions. Supporting 100GBase-LR4 Ethernet standard and 4I1-9D1F makes
it ideally suited for 100G applications where cost effective high port density is
needed. It offers doubled port density of 100Gbase-LR4 CFP transceivers. The
control and status reporting functions are integrated into the design via a set
of non-data hardware signal pins and Management Date Input/Output (MDIO)
interface per the CFP2 Multi-Source Agreement (MSA, to be released).
The transceiver supports 100Gbps data rate over four local area network
wavelength division multiplexed (LAN WDM) lanes. The four lanes are at
1295.56nm, 1300.05nm, 1304.58nm, and 1309.14nm wavelength respectively.
Each lane transmits and receives data streams at typical rate of 25.78125Gbps
for 100GbE application or 27.952493Gbps for 4I1-9D1F applications. It provides
an excellent solution for 100G data transmission over up to 10km single mode
fiber.ThelowpowerconsumptionandexcellentEMIperformanceenablesystem
design with high port density.The product is designed and tested in accordance
with industry safety standards. The transceiver is Class I Laser product per U.S.
FDA/CDRH and IEC 60825-1:2007 & IEC 60825-2:2004+A1+A2standards.
The CP21C04L2C000xG transceiver connects to standard 104-pin CFP2
connectors for hot plug capability. This allows the system designer to make
configuration changes or maintenance by simply plugging in different
transceivers without removing the power supply from the host system. The
transmitter and receiver DATA interfaces are internally AC-coupled. LV-CMOS
Transmitter Disable control input and Loss of Signal (LOS) output interfaces are
also provided.
The transceiver can be conveniently assembled into and released from the host
system through the latch.
The transceiver operates from a single +3.3V power supply over an operating
case temperature range of -5°C to +70°C. The housing is made of metal for EMI
immunity.
Four (4) LAN-WDM channels
Transmission distance up to 10km (SM fiber)
CFP2 form factor for doubled port density than
CFP
Compliant to 100Gbase-LR4 specifications
Support data transmission up to 111.809Gb/s
Support CAUI-4 proposals
Status reporting and control functions through
the MDIO interface
RoHS 6/6 compliant
Laser Class 1 IEC/CDRH compliant
Features
Ordering Information
100G-LR4 CFP2 Transceiver
Model Name
Operating
Temperature
Norminal Wavelength
(nm)
Supported Data
Rate (Gb/s)
Distance
(km)
Connector
CP21C04L2C000E1G
- 5°C to +70°C
1295.56, 1300.05, 1304.58, 1309.14
103.125
10
CAUI-4
CP21C04L2C000E2G
- 5°C to +70°C
1295.56, 1300.05, 1304.58, 1309.14
103.125 and 111.809
10
CAUI-4


Similar Part No. - CP21C04L2C000XG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CP21C0XSRC000E1G OPLINK-CP21C0XSRC000E1G Datasheet
237Kb / 1P
   100G-SR10 CFP2 Transceiver
CP21C0XSRC000E2G OPLINK-CP21C0XSRC000E2G Datasheet
237Kb / 1P
   100G-SR10 CFP2 Transceiver
CP21C0XSRC000XG OPLINK-CP21C0XSRC000XG Datasheet
237Kb / 1P
   100G-SR10 CFP2 Transceiver
More results

Similar Description - CP21C04L2C000XG

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
CP21C0XSRC000XG OPLINK-CP21C0XSRC000XG Datasheet
237Kb / 1P
   100G-SR10 CFP2 Transceiver
CP41C04L2C000XG OPLINK-CP41C04L2C000XG Datasheet
235Kb / 1P
   100G-LR4 CFP4 Transceiver
logo
Finisar Corporation.
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
logo
AVAGO TECHNOLOGIES LIMI...
516-3086-ND AVAGO-516-3086-ND Datasheet
135Kb / 2P
   CFP2, 850 nm, 100GBASE-SR10 Compliant Pluggable 100G Ethernet Optical Transceiver
logo
OPLINK Communications I...
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
   40GBASE-LR4 CFP Transceiver
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
   40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTLC8221RFNM FINISAR-FTLC8221RFNM Datasheet
396Kb / 10P
   300m, 10x10.3GbE CFP2 Optical Transceiver Module
logo
OPLINK Communications I...
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
   Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com