Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV14-331K Datasheet(PDF) 2 Page - Tyco Electronics

Part # ROV14-331K
Description  14mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV14-331K Datasheet(HTML) 2 Page - Tyco Electronics

  ROV14-331K Datasheet HTML 1Page - Tyco Electronics ROV14-331K Datasheet HTML 2Page - Tyco Electronics ROV14-331K Datasheet HTML 3Page - Tyco Electronics ROV14-331K Datasheet HTML 4Page - Tyco Electronics ROV14-331K Datasheet HTML 5Page - Tyco Electronics ROV14-331K Datasheet HTML 6Page - Tyco Electronics ROV14-331K Datasheet HTML 7Page - Tyco Electronics ROV14-331K Datasheet HTML 8Page - Tyco Electronics ROV14-331K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ROV14, ROV14H, ROV14E
14mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25483
Status: Released
Rev.: A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
2 of 11
PART NUMBERING
ROV 14 – 241 K -S -2
Raychem ROV series
Packaging
: Bulk
Disk Diameter
-2 : Tape & Reel
14mm
-AP : Ammo Pack
Surge Series
Lead Type
- : Standard series
: Kinked Lead
H : High surge series
-S : Straight Lead
E : Extra high surge series
Varistor Voltage
Tolerance
241 = 24 x 10^1 = 240V
K : ±10%
L : ±15%
M : ±20%
471K
VDE
GENERAL CHARACTERISTICS
Storage temperature:
-40°C … +125°C
Maximum operating temperature:
-40°C … +125°C
Maximum working surface temperature:
+115°C
Temperature coefficient of voltage:
0….+0.05% / °C max.
Insulation resistance of coating (@ 500 VDC):
Over 1000MΩ
Maximum response time:
25ns
Lead Material:
22 AWG Sn/Pb Plated Copper
AGENCY RECOGNITION
Device Ratings and Characteristics Tables contain specific recognition information for each individual part. The table below details
marking symbols for each agency recognition type.
UL1449
(2nd Edition)
UL1414
CSA
VDE
DEVICE MARKING
Raychem Logo
471 K
Voltage Designator
Tolerance (± 10%)
- Lot Identification
- Agency Marking


Similar Part No. - ROV14-331K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14-330K-S MACOM-ROV14-330K-S Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
More results

Similar Description - ROV14-331K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14 MACOM-ROV14 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-241K-S-2 MACOM-ROV14-241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com