Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3242 Datasheet(PDF) 9 Page - Texas Instruments

Part # LM3242
Description  6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3242 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3242_14 Datasheet HTML 5Page - Texas Instruments LM3242_14 Datasheet HTML 6Page - Texas Instruments LM3242_14 Datasheet HTML 7Page - Texas Instruments LM3242_14 Datasheet HTML 8Page - Texas Instruments LM3242_14 Datasheet HTML 9Page - Texas Instruments LM3242_14 Datasheet HTML 10Page - Texas Instruments LM3242_14 Datasheet HTML 11Page - Texas Instruments LM3242_14 Datasheet HTML 12Page - Texas Instruments LM3242_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
OUTPUT VOLTAGE (V)
100
95
90
85
80
75
70
65
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
OUTPUT CURRENT(mA)
100
95
90
85
80
75
70
0
100 200 300 400 500 600 700 800
VIN = 3.0V
VIN = 3.6V
VIN = 4.2V
OUTPUT CURRENT(mA)
100
95
90
85
80
75
70
0
100 200 300 400 500 600 700 800
VIN = 3.6V
VIN = 3.9V
VIN = 4.2V
LM3242
www.ti.com
SNOSB48D – OCTOBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VIN = EN = 3.6V, L = 0.5 µH, CIN = 10 µF, COUT = 4.7 µF and TA = +25°C, unless otherwise noted.
Efficiency
Efficiency
vs
vs
Output Current
Output Current
(VOUT=2.0V)
(VOUT=3.3V)
Figure 15.
Figure 16.
Efficiency
vs
PFET RDSON
Output Voltage
vs
(RLOAD=10Ω)
Supply Voltage
Figure 17.
Figure 18.
NFET RDSON
EN High Threshold
vs
vs
Supply Voltage
Supply Voltage
Figure 19.
Figure 20.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3242


Similar Part No. - LM3242_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3242 TI-LM3242_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM3242 6-MHz, 750-mA Miniature Adjustable Step-Down DC-DC Converter With Auto Bypass for RF Power Amplifiers
REVISED AUGUST 2015
More results

Similar Description - LM3242_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3241 TI1-LM3241_13 Datasheet
1Mb / 23P
[Old version datasheet]   LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
REVISED APRIL 2013
LM3262 TI-LM3262_15 Datasheet
3Mb / 27P
[Old version datasheet]   LM3262 6MHz, 800 mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
logo
National Semiconductor ...
LM3200 NSC-LM3200_05 Datasheet
882Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com