Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3876PFV Datasheet(PDF) 14 Page - Fujitsu Component Limited.

Part # MB3876PFV
Description  DC/DC Converter IC for Parallel Charging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3876PFV Datasheet(HTML) 14 Page - Fujitsu Component Limited.

Back Button MB3876PFV Datasheet HTML 10Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 11Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 12Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 13Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 14Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 15Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 16Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 17Page - Fujitsu Component Limited. MB3876PFV Datasheet HTML 18Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MB3874/MB3876
14
(Continued)
Power dissipation vs. ambient temperature
Ambient temperature Ta (
°C)
Error amplifier gain and phase vs. frequency
Frequency f (Hz)
Current detection amplifier gain and phase vs. frequency
Frequency f (Hz)
Ta
= +25 °C
φ
AV
40
20
0
−20
−40
100
1 k
10 k
100 k
1 M
10 M
180
90
0
−90
−180
VCC
= 16 V (MB3874)
VCC
= 19 V (MB3876)
− +
+
4
(9)
(11)
(10)
2.088 V
3
10 k
2.4 k
240 k
10 k
4.2 V
2
OUT
IN 1 µF
Error Amp.2
(Error Amp.3)
+
1
24
3
(13)
(12)
(10)
100 k
OUT
× 25
0.1 V
∗ : MB3874 12.6 V
MB3876 16.8 V
Current Amp.1
(Current Amp.2)
VCC
= 16 V (MB3874)
VCC
= 19 V (MB3876)
40
20
0
100
1 k
10 k
100 k
1 M
−20
−40
180
90
0
−90
−180
Ta
= +25 °C
AV
φ
IN
800
740
700
600
500
400
300
200
100
0
−40
−20
0
20
40
60
80
100


Similar Part No. - MB3876PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3871PFV-G-BND FUJITSU-MB3871PFV-G-BND Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3873 FUJITSU-MB3873 Datasheet
210Kb / 22P
   Multi-Resonance AC/DC Converter IC
More results

Similar Description - MB3876PFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
   DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875_03 Datasheet
275Kb / 26P
   DC/DC Converter IC for Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com