Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB3876 Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part # MB3876
Description  DC/DC Converter IC for Parallel Charging
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3876 Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Back Button MB3876 Datasheet HTML 11Page - Fujitsu Component Limited. MB3876 Datasheet HTML 12Page - Fujitsu Component Limited. MB3876 Datasheet HTML 13Page - Fujitsu Component Limited. MB3876 Datasheet HTML 14Page - Fujitsu Component Limited. MB3876 Datasheet HTML 15Page - Fujitsu Component Limited. MB3876 Datasheet HTML 16Page - Fujitsu Component Limited. MB3876 Datasheet HTML 17Page - Fujitsu Component Limited. MB3876 Datasheet HTML 18Page - Fujitsu Component Limited. MB3876 Datasheet HTML 19Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
MB3874/MB3876
15
s FUNCTIONAL DESCRIPTION
1.
DC/DC Converter Unit
(1) Reference voltage block (Ref)
The reference voltage generator uses the voltage supplied from the Vcc terminal (pin 21) to generate a temper-
ature-compensated, stable voltage ( := 4.2 V) used as the reference supply voltage for the IC’s internal circuitry.
The reference voltage can be output, up to 1 mA, to an external device through the VREF terminal (pin 5).
(2) Triangular wave oscillator block (OSC)
The triangular wave oscillator generates a triangular waveform with a frequency setting resistor connected to
the internal frequency setting capacitor via the RT terminal (pin 17).
The triangular wave is input to the PWM comparator on the IC.
(3) Error amplifier block (Error Amp.1)
This error amplifier (Error Amp.1) detects a voltage drop in the AC adapter and outputs a PWM control signal
as well as a signal to the dynamically controlled charging detection block (MASK Comp.).
In addition, an arbitrary loop gain can be set by connecting a feedback resistor and capacitor from the FB1
terminal (pin 7) to the
−INE1 terminal (pin 8) of the error amplifier, enabling stable phase compensation to the
system.
(4) Error amplifier block (Error Amp.2, 3)
These error amplifiers (Error Amp.2, Error Amp.3) detect the output signals from the current detector amplifiers
(Current Amp.1, Current Amp.2), compare them with the +INE2 terminal (pin 4) and +INE3 terminal (pin 9), and
output PWM control signals to control the charge current.
In addition, these amplifiers allow an arbitrary loop gain to be set by connecting a feedback resistor and capacitor
from the FB2 terminal (pin 2) to
−INE2 terminal (pin 3) and from the FB3 terminal (pin 11) to −INE3 terminal (pin
10) of the error amplifiers, enabling stable phase compensation to the system.
(5)
Error amplifier block (Error Amp.4, 5)
This error amplifier (Error Amp.4, Error Amp.5) detects the output voltage from the switching rerulator and outputs
the PWM control signal. The error amplifier inverted input pin is connected to the output voltage setting resistor
in the IC, eliminating the need for an external resistor for setting the output voltage. The MB3874 and MB3876
are set to output voltage of 12.6 V (for a 3-cell battery) and 16.8 V (for a 4-cell battery), respectively; these ICs
are suitable for use in equipment that uses a lithium-ion battery.
In addition, an arbitrary loop gain can be set by connecting a feedback resistor and capacitor from the FB4
terminal (pin 15) to the
−INE4 terminal (pin 16) to the −INE5 terminal (pin 14) of the error amplifier, enabling
stable phase compensation to the system.
Connecting a soft-start capacitor to the CS terminal (pin 22) prevents surge currents when the IC is turned on.
Using an error amplifier for soft start detection makes the soft start time constant, independent of the output load.
(6) Current detector amplifier block (Current Amp.1, 2)
The current detection amplifier (Current Amp.1, Current Amp.2) detects a voltage drop which occurs between
both ends of the output sense resistor (RS1) due to the flow of the charge current, using the +INC1 terminal
(pin 24) and
−INC1 terminal (pin 1). Then it outputs the signal amplified by 25 times to the error amplifier (Error Amp.2) at
the next stage.The amplifiers also detect a voltage drop which occurs at both ends of the output sense resistor


Similar Part No. - MB3876

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3870 FUJITSU-MB3870 Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3870PFV-G-BND FUJITSU-MB3870PFV-G-BND Datasheet
238Kb / 25P
   Pentium II DC/DC Converter IC
MB3871 FUJITSU-MB3871 Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3871PFV-G-BND FUJITSU-MB3871PFV-G-BND Datasheet
228Kb / 25P
   Mobile Pentium II DC/DC Converter IC
MB3873 FUJITSU-MB3873 Datasheet
210Kb / 22P
   Multi-Resonance AC/DC Converter IC
More results

Similar Description - MB3876

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3832A FUJITSU-MB3832A Datasheet
219Kb / 23P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875 Datasheet
293Kb / 27P
   DC/DC Converter IC for Charging
MB3878 FUJITSU-MB3878 Datasheet
283Kb / 24P
   DC/DC Converter IC for Charging
MB3832A FUJITSU-MB3832A_03 Datasheet
216Kb / 24P
   DC/DC Converter IC for Charging
MB3875 FUJITSU-MB3875_03 Datasheet
275Kb / 26P
   DC/DC Converter IC for Charging
MB3887 FUJITSU-MB3887_06 Datasheet
416Kb / 34P
   DC/DC Converter IC for Charging Li-ion battery
logo
Fuji Electric
MB39A114 FUJI-MB39A114 Datasheet
640Kb / 54P
   DC/DC Converter IC for Charging Li-ion Battery
logo
Fujitsu Component Limit...
MB3888 FUJITSU-MB3888 Datasheet
421Kb / 30P
   DC/DC Converter IC for Charging Li-ion Battery
MB3887 FUJITSU-MB3887 Datasheet
383Kb / 33P
   DC/DC Converter IC for Charging Li-ion battery
MB39A125 FUJITSU-MB39A125 Datasheet
740Kb / 64P
   DC/DC Converter IC for Charging Li-ion Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com